Electronic Components Datasheet Search
  English  ▼

X  

3208553 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3208553
Description  Protective conductor double-level terminal block - PTTB 1,5/S-PE/L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3208553 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3208553 Datasheet HTML 1Page - PHOENIX CONTACT 3208553 Datasheet HTML 2Page - PHOENIX CONTACT 3208553 Datasheet HTML 3Page - PHOENIX CONTACT 3208553 Datasheet HTML 4Page - PHOENIX CONTACT 3208553 Datasheet HTML 5Page - PHOENIX CONTACT 3208553 Datasheet HTML 6Page - PHOENIX CONTACT 3208553 Datasheet HTML 7Page - PHOENIX CONTACT 3208553 Datasheet HTML 8Page - PHOENIX CONTACT 3208553 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
https://www.phoenixcontact.com/us/produkte/3208553
07.05.2013   Page 2 / 17
Protective conductor double-level terminal block - PTTB 1,5/S-PE/
L - 3208553
Technical data
Dimensions
Height NS 35/7,5
42.6 mm
Height NS 35/15
50.1 mm
Technical data
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1 / IEC 60947-7-2
Nominal current IN
16 A
Nominal voltage UN
500 V
Open side panel
ja
Shock protection test specification
DIN EN 50274 (VDE 0660-514):2002-11
Back of the hand protection
guaranteed
Finger protection
guaranteed
Surge voltage test setpoint
7.3 kV
Result of surge voltage test
Test passed
Power frequency withstand voltage setpoint
1.89 kV
Result of power-frequency withstand voltage test
Test passed
Checking the mechanical stability of terminal points (5 x conductor
connection)
Test passed
Bending test rotation speed
10 rpm
Bending test turns
135
Bending test conductor cross section/weight
0.14 mm² / 0.2 kg
Bending test conductor cross section/weight
1.5 mm² / 0.4 kg
Result of bending test
Test passed
Conductor cross section tensile test
0.14 mm²
Tractive force setpoint
10 N
Conductor cross section tensile test
1.5 mm²
Tractive force setpoint
40 N
Tensile test result
Test passed
Tight fit on carrier
NS 35
Setpoint
1 N
Result of tight fit test
Test passed
Requirements, voltage drop
≤ 3.2 mV
Result of voltage drop test
Test passed
Temperature-rise test
Test passed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com