Electronic Components Datasheet Search
  English  ▼

X  

S8233A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8233A
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8233A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8233A Datasheet HTML 2Page - Seiko Instruments Inc S8233A Datasheet HTML 3Page - Seiko Instruments Inc S8233A Datasheet HTML 4Page - Seiko Instruments Inc S8233A Datasheet HTML 5Page - Seiko Instruments Inc S8233A Datasheet HTML 6Page - Seiko Instruments Inc S8233A Datasheet HTML 7Page - Seiko Instruments Inc S8233A Datasheet HTML 8Page - Seiko Instruments Inc S8233A Datasheet HTML 9Page - Seiko Instruments Inc S8233A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233A Series
Rev.3.2_10
Seiko Instruments Inc.
6
Absolute Maximum Ratings
Table 5
(Ta
= 25 °C unless otherwise specified)
Parameter
Symbol
Applicable Pins
Absolute Maximum Ratings Unit
Input voltage between VCC
and VSS
VDS
-
VSS
−0.3 ~ VSS+26
V
Input pin voltage
VIN
VC1, VC2, CTL, CCT, CDT, COVT
VSS
−0.3 ~ VCC+0.3
V
VMP Input terminal voltage
VVMP
VMP
VSS
−0.3 ~ VSS+26
V
CD1 output terminal voltage
VCD1
CD1
VC1
−0.3 ~ VCC+0.3
V
CD2 output terminal voltage
VCD2
CD2
VC2
−0.3 ~ VCC+0.3
V
CD3 output terminal voltage
VCD3
CD3
VSS
−0.3 ~ VCC+0.3
V
DOP output terminal voltage
VDOP
DOP
VSS
−0.3 ~ VCC+0.3
V
COP output terminal voltage
VCOP
COP
VSS
−0.3 ~ VSS+26
V
-
14-Pin SOP
400
mW
Power dissipation
PD
-
16-Pin TSSOP
300
mW
Operating temperature range
Topr
-
−20 ~ +70
°C
Storage temperature range
Tstg
-
−40 ~ +125
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com