Electronic Components Datasheet Search
  English  ▼

X  

S8233A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8233A
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8233A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8233A Datasheet HTML 7Page - Seiko Instruments Inc S8233A Datasheet HTML 8Page - Seiko Instruments Inc S8233A Datasheet HTML 9Page - Seiko Instruments Inc S8233A Datasheet HTML 10Page - Seiko Instruments Inc S8233A Datasheet HTML 11Page - Seiko Instruments Inc S8233A Datasheet HTML 12Page - Seiko Instruments Inc S8233A Datasheet HTML 13Page - Seiko Instruments Inc S8233A Datasheet HTML 14Page - Seiko Instruments Inc S8233A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
Rev.3.2_10
S-8233A Series
Seiko Instruments Inc.
11
(13) Measurement 13 Measurement circuit 8
Set S4 to ON, S1, S2, S3, S5, and S6 to OFF, V1, V2, V3 to 3.5 V and V4, V6, and V7 to 0 V under
normal condition. Increase V5 from 0 V gradually. The V5 voltage when I2 = 10
µA is the CD1'L' voltage
(VCD1(L))
Set S5 to ON, S1, S2, S3, S4, and S6 to OFF, V1, V2, and V3 to 3.5 V and V4, V5, and V7 to 0 V under
normal condition. Increase V6 from 0 V gradually. The V6 voltage when I3 = 10
µA is the CD2'L' voltage
(VCD2(L)).
Set S6 to ON, S1, S2, S3, S4, and S5 to OFF, V1, V2, and V3 to 3.5 V and V4, V5, and V6 to 0 V under
normal condition. Increase V7 from 0 V gradually. The V7 voltage when I4 = 10
µA is the CD3'L' voltage
(VCD3(L)).
Set S1 to ON, S2, S3, S4, S5, and S6 to OFF, V1 to 4.5 V, V2 and V3 to 3.5 V and V5, V6, and V7 to 0 V
under over charge condition. Increase V4 from 0 V gradually. The V4 voltage when I1 = 0.1
µA is the
CD1'H' voltage (VCD1(H)).
Set S2 to ON, S1, S3, S4, S5, and S6 to OFF, V2 to 4.5 V, V1 and V3 to 3.5 V and V5, V6, and V7 to 0 V
under over charge condition. Increase V4 from 0 V gradually. The V4 voltage when I1 = 0.1
µA is the
CD2'H' voltage (VCD2(H)).
Set S3 to ON, S1, S2, S4, S5, and S6 to OFF, V3 to 4.5 V, V1 and V2 to 3.5 V and V5, V6, and V7 to 0 V
under over charge condition. Increase V4 from 0 V gradually. The V4 voltage when I1 = 0.1
µA is the
CD3'H' voltage (VCD3(H)).
(14) Measurement 14 Measurement circuit 9
Set V1, V2, and V3 to 4.5 V under over charge condition. The current I1 flowing to COP terminal is COP
OFF LEAK current (ICOL).
(15) Measurement 15 Measurement circuit 10
Set V1, V2, and V3 to 0 V, and V8 to 2 V, and decrease V8 gradually. The V8 voltage when COP = 'H'
(VSS + 0.1 V or higher) is the 0V charge start voltage (V0CHAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com