Electronic Components Datasheet Search
  English  ▼

X  

S8233A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8233A
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8233A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8233A Datasheet HTML 3Page - Seiko Instruments Inc S8233A Datasheet HTML 4Page - Seiko Instruments Inc S8233A Datasheet HTML 5Page - Seiko Instruments Inc S8233A Datasheet HTML 6Page - Seiko Instruments Inc S8233A Datasheet HTML 7Page - Seiko Instruments Inc S8233A Datasheet HTML 8Page - Seiko Instruments Inc S8233A Datasheet HTML 9Page - Seiko Instruments Inc S8233A Datasheet HTML 10Page - Seiko Instruments Inc S8233A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
Rev.3.2_10
S-8233A Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 6 (1 / 2)
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measure-
ment
condition
Measure-
ment
circuit
Detection voltage
Over charge detection voltage1
VCU1
4.10 to 4.35 Adjustment
VCU1
−0.05 VCU1 VCU1+0.05
V
1
1
Over charge release voltage1
VCD1
3.85 to 4.35 Adjustment
VCD1
−0.10 VCD1 VCD1+0.10
V
1
1
Over discharge detection voltage1
VDD1
2.00 to 2.70 Adjustment
VDD1
−0.08 VDD1 VDD1+0.08
V
1
1
Over discharge release voltage1
VDU1
2.00 to 3.70 Adjustment
VDU1
−0.10 VDU1 VDU1+0.10
V
1
1
Over charge detection voltage 2
VCU2
4.10 to 4.35 Adjustment
VCU2
−0.05 VCU2 VCU2+0.05
V
2
1
Over charge release voltage 2
VCD2
3.85 to 4.35 Adjustment
VCD2
−0.10 VCD2 VCD2+0.10
V
2
1
Over discharge detection voltage 2
VDD2
2.00 to 2.70 Adjustment
VDD2
−0.08 VDD2 VDD2+0.08
V
2
1
Over discharge release voltage 2
VDU2
2.00 to 3.70 Adjustment
VDU2
−0.10 VDU2 VDU2+0.10
V
2
1
Over charge detection voltage3
VCU3
4.10 to 4.35 Adjustment
VCU3
−0.05 VCU3 VCU3+0.05
V
3
1
Over charge release voltage3
VCD3
3.85 to 4.35 Adjustment
VCD3
−0.10 VCD3 VCD3+0.10
V
3
1
Over discharge detection voltage3
VDD3
2.00 to 2.70 Adjustment
VDD3
−0.08 VDD3 VDD3+0.08
V
3
1
Over discharge release voltage3
VDU3
2.00 to 3.70 Adjustment
VDU3
−0.10 VDU3 VDU3+0.10
V
3
1
Over current detection voltage1
*1
VIOV1
0.15 to 0.50V Adjustment
VIOV1 x 0.9 VIOV1 VIOV1 x 1.1
V
4
2
Over current detection voltage 2
VIOV2
VCC Reference
0.54
0.6
0.66
V
4
2
Over current detection voltage3
VIOV3
VSS Reference
1.0
2.0
3.0
V
4
2
Voltage temperature factor 1
*2
TCOE1
Ta=-20 to 70°C
−1.0
0
1.0
mV/
°C
−
−
Voltage temperature factor 2
*3
TCOE2
Ta=-20 to 70°C
−0.5
0
0.5
mV/
°C
−
−
Delay time
Over charge detection delay time1
tCU1
CCCT=0.47
µF
0.5
1.0
1.5
s
9
6
Over charge detection delay time 2
tCU2
CCCT=0.47
µF
0.5
1.0
1.5
s
10
6
Over charge detection delay time3
tCU3
CCCT=0.47
µF
0.5
1.0
1.5
s
11
6
Over discharge detection delay time1
tDD1
CCDT=0.1
µF
20
40
60
ms
9
6
Over discharge detection delay time 2
tDD2
CCDT=0.1
µF
20
40
60
ms
10
6
Over discharge detection delay time3
tDD3
CCDT=0.1
µF
20
40
60
ms
11
6
Over current detection delay time1
tIOV1
CCOVT=0.1
µF
10
20
30
ms
12
7
Over current detection delay time 2
tIOV2
−
2
4
8
ms
12
7
Over current detection delay time3
tIOV3
FET gate capacitor =2000 pF
100
300
550
µs
12
7
Operating voltage
Operating voltage between VCC and
VSS
*4
VDSOP
−
2.0
−
24
V
−
−
Current consumption
Current consumption (during normal
operation)
IOPE
V1=V2=V3=3.5 V
−
20
50
µA
5
3
Current consumption for cell 2
ICELL2
V1=V2=V3=3.5 V
−300
0
300
nA
5
3
Current consumption for cell 3
ICELL3
V1=V2=V3=3.5 V
−300
0
300
nA
5
3
Current consumption at power down
IPDN
V1=V2=V3=1.5 V
−
−
0.1
µA
5
3
Internal resistance
RVCM
V1=V2=V3=3.5 V
0.40
0.90
1.40
M
Ω
6
3
Resistance between
VCC and VMP
V1=V2=V3=3.5 V
*5
0.20
0.50
0.80
M
Ω
6
3
RVSM
V1=V2=V3=1.5 V
0.40
0.90
1.40
M
Ω
6
3
Resistance between
VSS and VMP
V1=V2=V3=1.5 V
*5
0.20
0.50
0.80
M
Ω
6
3
Input voltage
CTL"H" Input voltage
VCTL(H)
−
VCCx0.8
−
−
V
−
−
CTL"L" Input voltage
VCTL(L)
−
−
−
VCCx0.2
V
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com