Electronic Components Datasheet Search
  English  ▼

X  

3209607 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3209607
Description  Double-level terminal block - PTTBS 2,5 RD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3209607 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3209607 Datasheet HTML 1Page - PHOENIX CONTACT 3209607 Datasheet HTML 2Page - PHOENIX CONTACT 3209607 Datasheet HTML 3Page - PHOENIX CONTACT 3209607 Datasheet HTML 4Page - PHOENIX CONTACT 3209607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3209607
09/26/2019   Page 3 / 5
Double-level terminal block - PTTBS 2,5 RD - 3209607
Circuit diagram
Approvals
Approvals
Approvals
CSA / LR / NK / ABS / UL Recognized / cUL Recognized / IECEE CB Scheme / VDE Zeichengenehmigung / DNV GL / EAC / RS / cULus
Recognized
Ex Approvals
IECEx / ATEX / UL Recognized / cUL Recognized / cULus Recognized
Approval details
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 13631
 
B
C
D
Nominal voltage UN
300 V
300 V
600 V
Nominal current IN
20 A
20 A
5 A
mm²/AWG/kcmil
26-12
26-12
26-12
LR 
 http://www.lr.org/en
 16/20026



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com