Electronic Components Datasheet Search
  English  ▼

X  

3209607 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3209607
Description  Double-level terminal block - PTTBS 2,5 RD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3209607 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3209607 Datasheet HTML 1Page - PHOENIX CONTACT 3209607 Datasheet HTML 2Page - PHOENIX CONTACT 3209607 Datasheet HTML 3Page - PHOENIX CONTACT 3209607 Datasheet HTML 4Page - PHOENIX CONTACT 3209607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3209607
09/26/2019   Page 4 / 5
Double-level terminal block - PTTBS 2,5 RD - 3209607
Approvals
NK 
 http://www.classnk.or.jp/hp/en/
 14ME0912
ABS 
 http://www.eagle.org/eagleExternalPortalWEB/
 16-HG1591536-PDA
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
B
C
Nominal voltage UN
300 V
300 V
Nominal current IN
20 A
20 A
mm²/AWG/kcmil
24-12
24-12
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
B
C
Nominal voltage UN
300 V
300 V
Nominal current IN
20 A
20 A
mm²/AWG/kcmil
24-12
24-12
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-61341
 
 
Nominal voltage UN
500 V
mm²/AWG/kcmil
0.2-2.5
VDE Zeichengenehmigung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40032222
 
 
Nominal voltage UN
500 V
Nominal current IN
22 A
mm²/AWG/kcmil
0.2-2.5
DNV GL 
 https://approvalfinder.dnvgl.com/
 TAE00003JE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com