Electronic Components Datasheet Search
  English  ▼

X  

3209607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3209607
Description  Double-level terminal block - PTTBS 2,5 RD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3209607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3209607 Datasheet HTML 1Page - PHOENIX CONTACT 3209607 Datasheet HTML 2Page - PHOENIX CONTACT 3209607 Datasheet HTML 3Page - PHOENIX CONTACT 3209607 Datasheet HTML 4Page - PHOENIX CONTACT 3209607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3209607
09/26/2019   Page 1 / 5
Double-level terminal block - PTTBS 2,5 RD - 3209607
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Double-level terminal block, connection method: Push-in connection, cross section: 0.14 mm² - 4 mm², AWG:
26 - 12, width: 5.2 mm, color: red, mounting type: NS 35/7,5, NS 35/15
Your advantages
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4055626076508
Technical data
General
Number of levels
2
Number of connections
4
Nominal cross section
2.5 mm²
Color
red
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
6 kV
Overvoltage category
III
Insulating material group
I
Maximum power dissipation for nominal condition
0.77 W (the value is multiplied when connecting multiple levels)
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
22 A
Maximum load current
24 A (with 4 mm² conductor cross section, rigid)


Similar Part No. - 3209607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209604 PHOENIX-3209604 Datasheet
62Kb / 5P
Double-level terminal block - PTTBS 2,5
3209605 PHOENIX-3209605 Datasheet
51Kb / 3P
Double-level terminal block - PTTBS 2,5 OG
More results

Similar Description - 3209607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1037087 PHOENIX-1037087 Datasheet
88Kb / 5P
Double-level terminal block - PTTBS 2,5 BK
1037088 PHOENIX-1037088 Datasheet
88Kb / 5P
Double-level terminal block - PTTBS 2,5 BN
3209604 PHOENIX-3209604 Datasheet
62Kb / 5P
Double-level terminal block - PTTBS 2,5
3209605 PHOENIX-3209605 Datasheet
51Kb / 3P
Double-level terminal block - PTTBS 2,5 OG
3209617 PHOENIX-3209617 Datasheet
55Kb / 4P
Double-level terminal block - PTTBS 2,5 BU
3210211 PHOENIX-3210211 Datasheet
64Kb / 6P
Double-level terminal block - PTTBS 2,5-PV
3210600 PHOENIX-3210600 Datasheet
90Kb / 6P
Double-level terminal block - PTTBS 2,5-TWIN
3210602 PHOENIX-3210602 Datasheet
57Kb / 3P
Double-level terminal block - PTTBS 2,5-TWIN-PE
3210609 PHOENIX-3210609 Datasheet
67Kb / 5P
Double-level terminal block - PTTBS 2,5-QUATTRO
3210611 PHOENIX-3210611 Datasheet
89Kb / 5P
Double-level terminal block - PTTBS 2,5-QUATTRO-PE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com