Electronic Components Datasheet Search
  English  ▼

X  

3210163 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3210163
Description  Knife disconnect terminal block - PT 2,5-MTB BU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210163 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3210163 Datasheet HTML 1Page - PHOENIX CONTACT 3210163 Datasheet HTML 2Page - PHOENIX CONTACT 3210163 Datasheet HTML 3Page - PHOENIX CONTACT 3210163 Datasheet HTML 4Page - PHOENIX CONTACT 3210163 Datasheet HTML 5Page - PHOENIX CONTACT 3210163 Datasheet HTML 6Page - PHOENIX CONTACT 3210163 Datasheet HTML 7Page - PHOENIX CONTACT 3210163 Datasheet HTML 8Page - PHOENIX CONTACT 3210163 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
https://www.phoenixcontact.com/us/products/3210163
09/06/2016   Page 1 / 24
Knife disconnect terminal block - PT 2,5-MTB BU - 3210163
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Knife disconnect terminal block, Connection type: Push-in connection, Cross section: 0.14 mm² - 4 mm²,
AWG: 26 - 12, Nominal current: 16 A, Nominal voltage: 400 V, Length: 70.1 mm, Width: 5.2 mm, Color: blue,
Assembly: NS 35/7,5, NS 35/15
Why buy this product
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
1 STK
Custom tariff number
85369010
Country of origin
Poland
Technical data
Environmental Product Compliance
China RoHS
No hazardous substances above threshold values
General
Number of levels
1
Number of connections
2
Potentials
1
Nominal cross section
2.5 mm²
Color
blue
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
6 kV


Similar Part No. - 3210163

ManufacturerPart #DatasheetDescription
logo
Littelfuse
3210160002 LITTELFUSE-3210160002 Datasheet
72Kb / 2P
MINIATURE FUSES
logo
PHOENIX CONTACT
3210169 PHOENIX-3210169 Datasheet
118Kb / 6P
PIT 2,5-TWIN-MT, Disconnect and test disconnect terminal block
More results

Similar Description - 3210163

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3006784 PHOENIX-3006784 Datasheet
72Kb / 4P
Knife disconnect terminal block - ZDMTK 2,5 BU
3210157 PHOENIX-3210157 Datasheet
203Kb / 26P
Knife disconnect terminal block - PT 2,5-MTB
3210177 PHOENIX-3210177 Datasheet
201Kb / 24P
Knife disconnect terminal block - PT 2,5-TWIN-MTB BU
3210184 PHOENIX-3210184 Datasheet
204Kb / 26P
Knife disconnect terminal block - PT 2,5-QUATTRO-MTB
3210191 PHOENIX-3210191 Datasheet
199Kb / 24P
Knife disconnect terminal block - PT 2,5-QUATTRO-MTB BU
3210265 PHOENIX-3210265 Datasheet
64Kb / 4P
Knife disconnect terminal block - PTT 2,5-2MT BU
3210401 PHOENIX-3210401 Datasheet
65Kb / 4P
Knife disconnect terminal block - PTTBS 2,5-2MTB BU
3037818 PHOENIX-3037818 Datasheet
501Kb / 23P
Knife disconnect terminal block - ST 2,5-MT BU
3210170 PHOENIX-3210170 Datasheet
603Kb / 32P
Knife disconnect terminal block - PT 2,5-TWIN-MTB
3211934 PHOENIX-3211934 Datasheet
301Kb / 27P
Knife disconnect terminal block - PT 4-MT BU
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com