Electronic Components Datasheet Search
  English  ▼

X  

3210163 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 3210163
Description  Knife disconnect terminal block - PT 2,5-MTB BU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210163 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 3210163 Datasheet HTML 16Page - PHOENIX CONTACT 3210163 Datasheet HTML 17Page - PHOENIX CONTACT 3210163 Datasheet HTML 18Page - PHOENIX CONTACT 3210163 Datasheet HTML 19Page - PHOENIX CONTACT 3210163 Datasheet HTML 20Page - PHOENIX CONTACT 3210163 Datasheet HTML 21Page - PHOENIX CONTACT 3210163 Datasheet HTML 22Page - PHOENIX CONTACT 3210163 Datasheet HTML 23Page - PHOENIX CONTACT 3210163 Datasheet HTML 24Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
https://www.phoenixcontact.com/us/products/3210163
09/06/2016   Page 21 / 24
Knife disconnect terminal block - PT 2,5-MTB BU - 3210163
Accessories
Marker for terminal blocks - UC-TM 5 - 0818108
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK CLED, BLUEMARK LED, Mounting
type: Snap into tall marker groove, for terminal block width: 5.2 mm, Lettering field: 10.5 x 4.6 mm
 
 
Marker for terminal blocks - UCT-TM 5 - 0828734
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: THERMOMARK CARD, BLUEMARK CLED,
BLUEMARK LED, TOPMARK LASER, THERMOMARK PRIME, Mounting type: Snap into tall marker groove, for terminal
block width: 5.2 mm, Lettering field: 4.6 x 10.5 mm
 
 
Zack Marker strip, flat - ZBF 5:UNBEDRUCKT - 0808642
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: Plotter, Mounting type: Snap into flat marker groove,
for terminal block width: 5 mm, Lettering field: 5.1 x 5.2 mm
 
 
Marker for terminal blocks - UC-TMF 5 - 0818153
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK CLED, BLUEMARK LED, Plotter,
Mounting type: Snap into flat marker groove, for terminal block width: 5.2 mm, Lettering field: 4.6 x 5.1 mm
 
 
Marker for terminal blocks - UCT-TMF 5 - 0828744
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: THERMOMARK CARD, BLUEMARK CLED,
BLUEMARK LED, TOPMARK LASER, THERMOMARK PRIME, Mounting type: Snap into flat marker groove, for terminal
block width: 5.2 mm, Lettering field: 4.4 x 4.7 mm
 
 
Test plug terminal block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com