Electronic Components Datasheet Search
  English  ▼

X  

3210163 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3210163
Description  Knife disconnect terminal block - PT 2,5-MTB BU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210163 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3210163 Datasheet HTML 1Page - PHOENIX CONTACT 3210163 Datasheet HTML 2Page - PHOENIX CONTACT 3210163 Datasheet HTML 3Page - PHOENIX CONTACT 3210163 Datasheet HTML 4Page - PHOENIX CONTACT 3210163 Datasheet HTML 5Page - PHOENIX CONTACT 3210163 Datasheet HTML 6Page - PHOENIX CONTACT 3210163 Datasheet HTML 7Page - PHOENIX CONTACT 3210163 Datasheet HTML 8Page - PHOENIX CONTACT 3210163 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
https://www.phoenixcontact.com/us/products/3210163
09/06/2016   Page 2 / 24
Knife disconnect terminal block - PT 2,5-MTB BU - 3210163
Technical data
General
Degree of pollution
3
Overvoltage category
III
Insulating material group
I
Maximum load current
16 A (with 4 mm² conductor cross section)
Nominal current IN
16 A
Nominal voltage UN
400 V
Open side panel
Yes
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE 0304-21)) 130 °C
Static insulating material application in cold
-60 °C
Behavior in fire for rail vehicles (DIN 5510-2)
Test passed
Flame test method (DIN EN 60695-11-10)
V0
Oxygen index (DIN EN ISO 4589-2)
>32 %
NF F16-101, NF F10-102 Class I
2
NF F16-101, NF F10-102 Class F
2
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Dimensions
Width
5.2 mm
End cover width
2.2 mm
Length
70.1 mm
Height
35.2 mm
Height NS 35/7,5
36.7 mm
Height NS 35/15
44.2 mm
Connection data
Connection method
Push-in connection
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG min.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com