Electronic Components Datasheet Search
  English  ▼

X  

3210313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3210313
Description  Disconnect terminal block - PT 1,5/S-TG
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3210313 Datasheet HTML 1Page - PHOENIX CONTACT 3210313 Datasheet HTML 2Page - PHOENIX CONTACT 3210313 Datasheet HTML 3Page - PHOENIX CONTACT 3210313 Datasheet HTML 4Page - PHOENIX CONTACT 3210313 Datasheet HTML 5Page - PHOENIX CONTACT 3210313 Datasheet HTML 6Page - PHOENIX CONTACT 3210313 Datasheet HTML 7Page - PHOENIX CONTACT 3210313 Datasheet HTML 8Page - PHOENIX CONTACT 3210313 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
https://www.phoenixcontact.com/us/products/3210306
09/06/2016   Page 1 / 22
Disconnect terminal block - PT 1,5/S-TG - 3210306
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Disconnect terminal block, Connection type: Push-in connection, Cross section: 0.14 mm² - 1.5 mm²,
AWG: 26 - 14, Nominal current: 10 A, Nominal voltage: 400 V, Length: 58.9 mm, Width: 3.5 mm, Color: gray,
Assembly: NS 35/7,5, NS 35/15
Why buy this product
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
50 STK
Weight per Piece (excluding packing)
4.400 g
Custom tariff number
85369010
Country of origin
Poland
Technical data
Environmental Product Compliance
China RoHS
No hazardous substances above threshold values
General
Number of levels
1
Number of connections
2
Potentials
1
Nominal cross section
1.5 mm²
Color
gray
Insulating material
PA


Similar Part No. - 3210313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210311 PHOENIX-3210311 Datasheet
66Kb / 5P
Knife disconnect terminal block - PT 1,5/S-TWIN-MT
3210312 PHOENIX-3210312 Datasheet
62Kb / 4P
Knife disconnect terminal block - PT 1,5/S-TWIN-MT BU
3210315 PHOENIX-3210315 Datasheet
62Kb / 4P
Disconnect terminal block - PT 1,5/S-TWIN-TG BU
logo
Littelfuse
3210315002 LITTELFUSE-3210315002 Datasheet
72Kb / 2P
MINIATURE FUSES
logo
PHOENIX CONTACT
3210316 PHOENIX-3210316 Datasheet
62Kb / 4P
Disconnect terminal block - PT 1,5/S-TWIN-TG
More results

Similar Description - 3210313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210307 PHOENIX-3210307 Datasheet
62Kb / 4P
Disconnect terminal block - PT 1,5/S-TG BU
3210308 PHOENIX-3210308 Datasheet
65Kb / 5P
Knife disconnect terminal block - PT 1,5/S-MTD
3210311 PHOENIX-3210311 Datasheet
66Kb / 5P
Knife disconnect terminal block - PT 1,5/S-TWIN-MT
3210315 PHOENIX-3210315 Datasheet
62Kb / 4P
Disconnect terminal block - PT 1,5/S-TWIN-TG BU
3210316 PHOENIX-3210316 Datasheet
62Kb / 4P
Disconnect terminal block - PT 1,5/S-TWIN-TG
3210321 PHOENIX-3210321 Datasheet
67Kb / 5P
Knife disconnect terminal block - PT 1,5/S-QUATTRO-MT
3210326 PHOENIX-3210326 Datasheet
63Kb / 4P
Disconnect terminal block - PT 1,5/S-QUATTRO-TG
3210327 PHOENIX-3210327 Datasheet
63Kb / 4P
Disconnect terminal block - PT 1,5/S-QUATTRO-TG BU
3050413 PHOENIX-3050413 Datasheet
276Kb / 25P
Disconnect terminal block - QTC 1,5-TWIN-TG
3210301 PHOENIX-3210301 Datasheet
520Kb / 25P
Knife disconnect terminal block - PT 1,5/S-MT
09/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com