Electronic Components Datasheet Search
  English  ▼

X  

3210313 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 3210313
Description  Disconnect terminal block - PT 1,5/S-TG
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210313 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 3210313 Datasheet HTML 14Page - PHOENIX CONTACT 3210313 Datasheet HTML 15Page - PHOENIX CONTACT 3210313 Datasheet HTML 16Page - PHOENIX CONTACT 3210313 Datasheet HTML 17Page - PHOENIX CONTACT 3210313 Datasheet HTML 18Page - PHOENIX CONTACT 3210313 Datasheet HTML 19Page - PHOENIX CONTACT 3210313 Datasheet HTML 20Page - PHOENIX CONTACT 3210313 Datasheet HTML 21Page - PHOENIX CONTACT 3210313 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
https://www.phoenixcontact.com/us/products/3210306
09/06/2016   Page 20 / 22
Disconnect terminal block - PT 1,5/S-TG - 3210306
Accessories
Reducing bridge - RB ST (2,5/4)-1,5/S - 3214356
Reducing bridge, Pitch: 6.7 mm, Number of positions: 2, Color: red
 
 
Reducing bridge - RB ST 6-1,5/S - 3213250
Reducing bridge, Pitch: 8 mm, Number of positions: 2, Color: red
 
 
Screwdriver tools
Screwdriver - SZF 0-0,4X2,5 - 1204504
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.4 x 2.5 x 75 mm, 2-
component grip, with non-slip grip
 
 
Screwdriver - ST-BW 0 - 1200135
Actuation tool, for all 1.5 mm² spring cages from PT 1,5/S and FT 1,5/S
 
 
Terminal marking
Zack marker strip - ZB 3,5:UNBEDRUCKT - 0829414
Zack marker strip, Strip, white, unlabeled, can be labeled with: Plotter, Mounting type: Snap into tall marker groove, for
terminal block width: 3.5 mm, Lettering field: 3.5 x 10.5 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com