Electronic Components Datasheet Search
  English  ▼

X  

3210313 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3210313
Description  Disconnect terminal block - PT 1,5/S-TG
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210313 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3210313 Datasheet HTML 1Page - PHOENIX CONTACT 3210313 Datasheet HTML 2Page - PHOENIX CONTACT 3210313 Datasheet HTML 3Page - PHOENIX CONTACT 3210313 Datasheet HTML 4Page - PHOENIX CONTACT 3210313 Datasheet HTML 5Page - PHOENIX CONTACT 3210313 Datasheet HTML 6Page - PHOENIX CONTACT 3210313 Datasheet HTML 7Page - PHOENIX CONTACT 3210313 Datasheet HTML 8Page - PHOENIX CONTACT 3210313 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
https://www.phoenixcontact.com/us/products/3210306
09/06/2016   Page 2 / 22
Disconnect terminal block - PT 1,5/S-TG - 3210306
Technical data
General
Flammability rating according to UL 94
V0
Rated surge voltage
6 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I
Maximum load current
10 A
Nominal current IN
10 A
Nominal voltage UN
400 V
Open side panel
Yes
Shock protection test specification
DIN EN 50274 (VDE 0660-514):2002-11
Back of the hand protection
guaranteed
Finger protection
guaranteed
Result of surge voltage test
Test passed
Surge voltage test setpoint
7.3 kV
Result of power-frequency withstand voltage test
Test passed
Power frequency withstand voltage setpoint
1.89 kV
Result of the test for mechanical stability of terminal points (5 x conductor
connection)
Test passed
Result of bending test
Test passed
Bending test rotation speed
10 rpm
Bending test turns
135
Bending test conductor cross section/weight
0.14 mm² / 0.2 kg
1.5 mm² / 0.4 kg
Tensile test result
Test passed
Conductor cross section tensile test
0.14 mm²
Tractive force setpoint
10 N
Conductor cross section tensile test
1.5 mm²
Tractive force setpoint
40 N
Result of tight fit on support
Test passed
Tight fit on carrier
NS 35
Setpoint
1 N
Result of voltage-drop test
Test passed
Requirements, voltage drop
≤ 6,4 mV
Result of temperature-rise test
Test passed
Short circuit stability result
Test passed
Conductor cross section short circuit testing
1.5 mm²
Short-time current
0.18 kA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com