Electronic Components Datasheet Search
  English  ▼

X  

0808710 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0808710
Description  PIT 4-QUATTRO-DIO 1N 5408/R-L
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808710 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0808710 Datasheet HTML 1Page - PHOENIX CONTACT 0808710 Datasheet HTML 2Page - PHOENIX CONTACT 0808710 Datasheet HTML 3Page - PHOENIX CONTACT 0808710 Datasheet HTML 4Page - PHOENIX CONTACT 0808710 Datasheet HTML 5Page - PHOENIX CONTACT 0808710 Datasheet HTML 6Page - PHOENIX CONTACT 0808710 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PIT 4-QUATTRO-DIO 1N 5408/R-L Order No.: 3211921
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211921
PHOENIX CONTACT GmbH & Co. KG
Page 3 / 7
http://www.phoenixcontact.com
Jul 15, 2011
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
1 mm²
Connection method
Leg spring connection
Stripping length
10 mm
Internal cylindrical gage
A4
Certificates / Approvals
Certification
CUL, GL, GOST, UL
Accessories
Item
Designation
Description
Assembly
3030815
ATP-ST QUATTRO
Partition plate, Length: 90.9 mm, Width: 2 mm, Height: 45 mm,
Color: gray
3022276
CLIPFIX 35-5
Snap-on end bracket, for NS 35/7.5 or NS 35/15 DIN rail, can be
fitted with Zack strip ZB 5 and ZBF 5, terminal strip marker KLM
2 and KLM, parking facility for FBS...5, FBS...6, KSS 5, KSS 6,
width: 5,15 mm, color: gray
3036738
DP PS-6
Spacer plate, Color: red
0801704
NS 35/ 7,5 AL UNPERF
2000MM
DIN rail, material: Aluminum, unperforated, height 7.5 mm, width
35 mm, length: 2 m
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1207640
NS 35/ 7,5 PERF 755MM
NS 35 DIN rail, height 7.5 mm, length 755 mm
1207653
NS 35/ 7,5 PERF 955MM
NS35 DIN rail, height 7.5 mm, length 955 mm
1207666
NS 35/ 7,5 PERF 1155MM
NS 35 DIN rail, height 7.5 mm, length 1155 mm
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
1208131
NS 35/ 7,5 PERF/...
DIN rail, Width: 35 mm, Height: 7.5 mm, Color: silver
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1208115
NS 35/ 7,5 UNPERF/...
DIN rail, Width: 35 mm, Height: 7.5 mm, Color: silver
1208128
NS 35/ 7,5 UNPERF/SO/...
DIN rail, Width: 35 mm, Height: 7.5 mm, Color: silver



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com