Electronic Components Datasheet Search
  English  ▼

X  

0808710 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 0808710
Description  PIT 4-QUATTRO-DIO 1N 5408/R-L
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808710 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  0808710 Datasheet HTML 1Page - PHOENIX CONTACT 0808710 Datasheet HTML 2Page - PHOENIX CONTACT 0808710 Datasheet HTML 3Page - PHOENIX CONTACT 0808710 Datasheet HTML 4Page - PHOENIX CONTACT 0808710 Datasheet HTML 5Page - PHOENIX CONTACT 0808710 Datasheet HTML 6Page - PHOENIX CONTACT 0808710 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PIT 4-QUATTRO-DIO 1N 5408/R-L Order No.: 3211921
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211921
PHOENIX CONTACT GmbH & Co. KG
Page 5 / 7
http://www.phoenixcontact.com
Jul 15, 2011
0816498
TMT 6 R
Markers for terminal blocks with 6 mm pitch, perforated, unprinted,
for all terminal blocks with ZB and ZBF keyway, can be labelled
using a thermo transfer printer, 1 roll = 1,000 strips, 16 labels/
strips, strip height: 6.4 mm
0828295
TMT (EX9,5)R
Terminal marking with 9.5 mm strip height, continuous, without
color print, for all terminals with ZB or ZBF groove, can be labeled
using a thermal transfer printer, 1 roll = 50 m
0818085
UC-TM 6
UniCard materials for labeling terminal blocks with a marker
groove,80-section, can be labeled with BLUEMARK and CMS-P1-
PLOTTER, color: white
0824589
UC-TM 6 CUS
Terminal block marking, can be labeled as per customer
specifications
0818140
UC-TMF 6
UniCard materials for labeling terminal blocks using a flat marker
groove, 80-section, can be labeled with BLUEMARK and CMS-
P1-PLOTTER, color: white
0824646
UC-TMF 6 CUS
UniCard sheets, for labeling terminal blocks with a flat
zack marker sheet groove, can be printed as per customer
requirements
0828736
UCT-TM 6
UniCard materials for thermal transfer printer, for labeling terminal
blocks with a marker groove, 60-section, can be labeled with
THERMOMARK CARD and BLUEMARK LED, color: white
0829602
UCT-TM 6 CUS
Terminal block marking, can be labeled as per customer
specifications
0828746
UCT-TMF 6
UniCard materials for thermal transfer printer, for labeling terminal
blocks with a horizontal marker groove, 60-section, can be labeled
with THERMOMARK CARD and BLUEMARK LED, color: white
0829665
UCT-TMF 6 CUS
Terminal block marking, can be labeled as per customer
specifications
1051003
ZB 6:UNBEDRUCKT
Zack strip, unprinted, strips with 10 labels for individual labeling
with M-PEN or CMS system, for terminal block width: 6.2 mm,
color: white
0808710
ZBF 6:UNBEDRUCKT
Zack strip, flat, unprinted: 10-section, for individual labeling with
M-PEN or ZBF-T, sufficient for 100 terminal blocks, color: white
Plug/Adapter
3002885
ISH 4/0,5
Insulating sleeve, Color: gray
3002898
ISH 4/1,0
Insulating sleeve, Color: black
0201731
MPS-IH BK
Insulating sleeve, Color: black
0201689
MPS-IH BU
Insulating sleeve, Color: blue
0201702
MPS-IH GN
Insulating sleeve, Color: green
0201728
MPS-IH GY
Insulating sleeve, Color: gray
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201715
MPS-IH VT
Insulating sleeve, Color: violet
0201663
MPS-IH WH
Insulating sleeve, Color: white



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com