Electronic Components Datasheet Search
  English  ▼

X  

0808710 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0808710
Description  PIT 4-QUATTRO-DIO 1N 5408/R-L
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808710 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0808710 Datasheet HTML 1Page - PHOENIX CONTACT 0808710 Datasheet HTML 2Page - PHOENIX CONTACT 0808710 Datasheet HTML 3Page - PHOENIX CONTACT 0808710 Datasheet HTML 4Page - PHOENIX CONTACT 0808710 Datasheet HTML 5Page - PHOENIX CONTACT 0808710 Datasheet HTML 6Page - PHOENIX CONTACT 0808710 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PIT 4-QUATTRO-DIO 1N 5408/R-L Order No.: 3211921
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211921
PHOENIX CONTACT GmbH & Co. KG
Page 4 / 7
http://www.phoenixcontact.com
Jul 15, 2011
0801377
NS 35/ 7,5 V2A UNPERF
2000MM
DIN rail, Width: 35 mm, Height: 7.5 mm, Length: 2000 mm,
Color: silver
1206421
NS 35/ 7,5 ZN PERF 2000MM
DIN rail, material: Galvanized, perforated, height 7.5 mm, width 35
mm, length: 2 m
1206434
NS 35/ 7,5 ZN UNPERF
2000MM
DIN rail, material: Galvanized, unperforated, height 7.5 mm, width
35 mm, length: 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1208144
NS 35/15 UNPERF/...
DIN rail, Width: 35 mm, Height: 15 mm, Color: silver
1208157
NS 35/15 UNPERF/SO/...
DIN rail, Width: 35 mm, Height: 15 mm, Color: silver
1206586
NS 35/15 ZN UNPERF 2000MM
DIN rail, material: Galvanized, unperforated, height 15 mm, width
35 mm, length: 2 m
Bridges
3030336
FBS 2-6
Plug-in bridge, Number of positions: 2, Color: red
3030242
FBS 3-6
Plug-in bridge, Number of positions: 3, Color: red
3030255
FBS 4-6
Plug-in bridge, Number of positions: 4, Color: red
3030349
FBS 5-6
Plug-in bridge, Number of positions: 5, Color: red
3030271
FBS 10-6
Plug-in bridge, Number of positions: 10, Color: red
3030365
FBS 20-6
Plug-in bridge, Number of positions: 20, Color: red
Covers
3208979
D-PIT 4-QUATTRO
Cover, Width: 2.2 mm, Color: gray
General
0828282
CARRIER-TM 300
Marker adapter, 300 mm long, can be snapped into the marker
groove, designed to accommodate ZB ... or UC‑TM ...
Marking
0810588
GBS 5-25X12
Group marker label, snaps onto terminal center for screw, spring-
cage and quick connection terminal blocks, labeled with a 25 x 12
mm label or manually with the B-STIFT, in the foot part with ZB 5
0809298
GBS-ZB/26X6
Group marking label, snaps onto terminal center for screw, spring-
cage and quick connection terminal blocks, labeled with ESL
26x6 mm or EST 25x6 mm, in the foot part with Zack marker strip,
length: 29 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com