Electronic Components Datasheet Search
  English  ▼

X  

3214550 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3214550
Description  Feed-through terminal block - PTS 1,5/S BU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3214550 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3214550 Datasheet HTML 1Page - PHOENIX CONTACT 3214550 Datasheet HTML 2Page - PHOENIX CONTACT 3214550 Datasheet HTML 3Page - PHOENIX CONTACT 3214550 Datasheet HTML 4Page - PHOENIX CONTACT 3214550 Datasheet HTML 5Page - PHOENIX CONTACT 3214550 Datasheet HTML 6Page - PHOENIX CONTACT 3214550 Datasheet HTML 7Page - PHOENIX CONTACT 3214550 Datasheet HTML 8Page - PHOENIX CONTACT 3214550 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
https://www.phoenixcontact.com/us/products/3214550
21.11.2013   Page 1 / 17
Feed-through terminal block - PTS 1,5/S BU - 3214550
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection method: Push-in connection, Cross section: 0.14 mm² - 1.5 mm²,
AWG: 26 - 14, Width: 3.5 mm, Height: 37 mm, Color: blue, Mounting type: NS 35/7,5, NS 35/15
Key commercial data
Packing unit
1 PCE
Minimum order quantity
50 PCE
Weight per Piece (excluding packing)
0.22 GRM
Custom tariff number
85369010
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
2
Color
blue
Insulating material
PA
Inflammability class according to UL 94
V0
Maximum load current
17.5 A (with 1.5 mm² conductor cross section)
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
17.5 A
Nominal voltage UN
500 V
Open side panel
ja


Similar Part No. - 3214550

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3214505 PHOENIX-3214505 Datasheet
355Kb / 29P
Double-level terminal block - PTTBS 1,5/S/2P BU
09/12/2020
3214534 PHOENIX-3214534 Datasheet
44Kb / 2P
End cover - D-PTTBS 1,5/S/2P
11/26/13
3214547 PHOENIX-3214547 Datasheet
544Kb / 24P
Feed-through terminal block - PTS 1,5/S
3214563 PHOENIX-3214563 Datasheet
163Kb / 17P
Ground modular terminal block - PTS 1,5/S-PE
3214589 PHOENIX-3214589 Datasheet
168Kb / 18P
Feed-through terminal block - PTS 1,5/S-TWIN
More results

Similar Description - 3214550

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3211906 PHOENIX-3211906 Datasheet
97Kb / 6P
Feed-through terminal block - PTS 2,5-TWIN BU
3213602 PHOENIX-3213602 Datasheet
76Kb / 5P
Feed-through terminal block - PTS 4 BU
3213605 PHOENIX-3213605 Datasheet
190Kb / 24P
Feed-through terminal block - PTS 4-TWIN BU
3214589 PHOENIX-3214589 Datasheet
168Kb / 18P
Feed-through terminal block - PTS 1,5/S-TWIN
3214592 PHOENIX-3214592 Datasheet
165Kb / 17P
Feed-through terminal block - PTS 1,5/S-TWIN BU
3214615 PHOENIX-3214615 Datasheet
153Kb / 16P
Feed-through terminal block - PTS 1,5/S-QUATTRO
3214631 PHOENIX-3214631 Datasheet
149Kb / 14P
Feed-through terminal block - PTS 1,5/S-QUATTRO BU
3211812 PHOENIX-3211812 Datasheet
602Kb / 30P
Feed-through terminal block - PTS 2,5 BU
3212002 PHOENIX-3212002 Datasheet
575Kb / 20P
Feed-through terminal block - PTS 2,5-QUATTRO BU
3214547 PHOENIX-3214547 Datasheet
544Kb / 24P
Feed-through terminal block - PTS 1,5/S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com