Electronic Components Datasheet Search
  English  ▼

X  

3214550 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3214550
Description  Feed-through terminal block - PTS 1,5/S BU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3214550 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3214550 Datasheet HTML 1Page - PHOENIX CONTACT 3214550 Datasheet HTML 2Page - PHOENIX CONTACT 3214550 Datasheet HTML 3Page - PHOENIX CONTACT 3214550 Datasheet HTML 4Page - PHOENIX CONTACT 3214550 Datasheet HTML 5Page - PHOENIX CONTACT 3214550 Datasheet HTML 6Page - PHOENIX CONTACT 3214550 Datasheet HTML 7Page - PHOENIX CONTACT 3214550 Datasheet HTML 8Page - PHOENIX CONTACT 3214550 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
https://www.phoenixcontact.com/us/products/3214550
21.11.2013   Page 2 / 17
Feed-through terminal block - PTS 1,5/S BU - 3214550
Technical data
Dimensions
Width
3.5 mm
Length
50.7 mm
Height
37 mm
Height NS 35/7,5
38.5 mm
Height NS 35/15
46 mm
Connection data
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
14
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
1.5 mm²
Min. AWG conductor cross section, stranded
26
Max. AWG conductor cross section, stranded
14
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
1 mm²
Connection method
Push-in connection
Stripping length
8 mm
Internal cylindrical gage
A1 / B1
Classifications
eCl@ss
eCl@ss 4.0
27141120
eCl@ss 4.1
27141120
eCl@ss 5.0
27141120
eCl@ss 5.1
27141120
eCl@ss 6.0
27141120
eCl@ss 7.0
27141120
eCl@ss 8.0
27141120
ETIM
ETIM 4.0
EC000897
ETIM 5.0
EC000897



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com