Electronic Components Datasheet Search
  English  ▼

X  

3214550 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3214550
Description  Feed-through terminal block - PTS 1,5/S BU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3214550 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3214550 Datasheet HTML 9Page - PHOENIX CONTACT 3214550 Datasheet HTML 10Page - PHOENIX CONTACT 3214550 Datasheet HTML 11Page - PHOENIX CONTACT 3214550 Datasheet HTML 12Page - PHOENIX CONTACT 3214550 Datasheet HTML 13Page - PHOENIX CONTACT 3214550 Datasheet HTML 14Page - PHOENIX CONTACT 3214550 Datasheet HTML 15Page - PHOENIX CONTACT 3214550 Datasheet HTML 16Page - PHOENIX CONTACT 3214550 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
https://www.phoenixcontact.com/us/products/3214550
21.11.2013   Page 13 / 17
Feed-through terminal block - PTS 1,5/S BU - 3214550
Accessories
DIN rail perforated - NS 35/15 PERF 2000MM - 1201730
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length:
2000 mm
 
 
DIN rail - NS 35/15 UNPERF 2000MM - 1201714
DIN rail, material: Steel, unperforated, height 15 mm, width 35 mm, length: 2 m
 
 
DIN rail - NS 35/15 WH PERF 2000MM - 0806602
DIN rail 35 mm (NS 35)
 
 
DIN rail - NS 35/15 WH UNPERF 2000MM - 1204135
DIN rail 35 mm (NS 35)
 
 
DIN rail, unperforated - NS 35/15 AL UNPERF 2000MM - 1201756
DIN rail, deep drawn, high profile, unperforated, 1.5 mm thick, material: aluminum, height 15 mm, width 35 mm, length
2000 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com