Electronic Components Datasheet Search
  English  ▼

X  

3232011 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3232011
Description  Feed-through terminal block - UDK 4-DUR 249 P/P
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3232011 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3232011 Datasheet HTML 1Page - PHOENIX CONTACT 3232011 Datasheet HTML 2Page - PHOENIX CONTACT 3232011 Datasheet HTML 3Page - PHOENIX CONTACT 3232011 Datasheet HTML 4Page - PHOENIX CONTACT 3232011 Datasheet HTML 5Page - PHOENIX CONTACT 3232011 Datasheet HTML 6Page - PHOENIX CONTACT 3232011 Datasheet HTML 7Page - PHOENIX CONTACT 3232011 Datasheet HTML 8Page - PHOENIX CONTACT 3232011 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
https://www.phoenixcontact.com/us/products/3232011
09/01/2016   Page 1 / 14
Feed-through terminal block - UDK 4-DUR 249 P/P - 3232011
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Feed-through terminal block, With test socket screws for insertion of test plugs, Connection method: Screw
connection, Cross section: 0.2 mm² - 6 mm², AWG: 24 - 10, Width: 6.2 mm, Color: gray, Mounting type: NS
35/7,5, NS 35/15, NS 32
Why buy this product
 The four-conductor connection enables user-friendly wiring
 The constant circuits common in process automation transmit the measured values as a load-independent current of 0 - 20 mA
 The lower level is assigned to the measuring line while the upper level is used for voltage pick-off via the 249 Ohm resistor
 A voltage signal pick-off can be implemented in the measuring line using this terminal block, enabling the signal to be used as an analog signal for
process computers
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
50 STK
Weight per Piece (excluding packing)
15.600 g
Custom tariff number
85369010
Country of origin
Poland
Technical data
Environmental Product Compliance
China RoHS
Hazardous substances above threshold values;
Environmentally Friendly Use Period = 50;
For details go to tab “Downloads”, Category “Manufacturer's declaration”
General
Number of levels
1
Number of connections
4
Nominal cross section
4 mm²


Similar Part No. - 3232011

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
323202 ADELS-323202 Datasheet
118Kb / 1P
GSK 805/ 2 SCH
323203 ADELS-323203 Datasheet
118Kb / 1P
GSK 805/ 3 SCH
323204 ADELS-323204 Datasheet
119Kb / 1P
GSK 805/ 4 SCH
323205 ADELS-323205 Datasheet
121Kb / 1P
GSK 805/ 5 SCH
323206 ADELS-323206 Datasheet
119Kb / 1P
GSK 805/ 6 SCH
More results

Similar Description - 3232011

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2775207 PHOENIX-2775207 Datasheet
121Kb / 6P
UDK 4-DUR
2775249 PHOENIX-2775249 Datasheet
120Kb / 6P
UDK 4-DUR 249
2775281 PHOENIX-2775281 Datasheet
53Kb / 4P
Feed-through terminal block - UDK 4-DIO-Z 2,7V/L-R/P-P
2776032 PHOENIX-2776032 Datasheet
64Kb / 4P
Component terminal block - UDK 4-DUR 5K1
2776044 PHOENIX-2776044 Datasheet
56Kb / 4P
Feed-through terminal block - UDK 4-MTK-P/P MIT SPERRE
2777014 PHOENIX-2777014 Datasheet
130Kb / 11P
Feed-through terminal block - UDK 4-TG
3007110 PHOENIX-3007110 Datasheet
54Kb / 4P
Feed-through terminal block - UDK 4-P/P
3046605 PHOENIX-3046605 Datasheet
152Kb / 18P
Feed-through terminal block - UT 4-TWIN-TG P/P
3048182 PHOENIX-3048182 Datasheet
66Kb / 5P
Feed-through terminal block - UDK 4 MTK-P/P AU
3046140 PHOENIX-3046140 Datasheet
520Kb / 15P
Feed-through terminal block - UT 4-PE/MT P/P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com