Electronic Components Datasheet Search
  English  ▼

X  

3232011 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3232011
Description  Feed-through terminal block - UDK 4-DUR 249 P/P
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3232011 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3232011 Datasheet HTML 1Page - PHOENIX CONTACT 3232011 Datasheet HTML 2Page - PHOENIX CONTACT 3232011 Datasheet HTML 3Page - PHOENIX CONTACT 3232011 Datasheet HTML 4Page - PHOENIX CONTACT 3232011 Datasheet HTML 5Page - PHOENIX CONTACT 3232011 Datasheet HTML 6Page - PHOENIX CONTACT 3232011 Datasheet HTML 7Page - PHOENIX CONTACT 3232011 Datasheet HTML 8Page - PHOENIX CONTACT 3232011 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
https://www.phoenixcontact.com/us/products/3232011
09/01/2016   Page 2 / 14
Feed-through terminal block - UDK 4-DUR 249 P/P - 3232011
Technical data
General
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V2
Rated surge voltage
6 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I
Connection method
Screw connection
Connection in acc. with standard
IEC 60947-7-1
Maximum load current
10 mA (the current is determined by the component used)
Nominal current IN
32 A (the current is determined by the component used)
Nominal voltage UN
630 V
Open side panel
Yes
Dimensions
Width
6.2 mm
Length
63.5 mm
Height NS 35/7,5
47 mm
Height NS 35/15
54.5 mm
Height NS 32
52 mm
End cover width
1.5 mm
Connection data
Connection method
Screw connection
Connection in acc. with standard
IEC 60947-7-1
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Stripping length
8 mm
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
10
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
4 mm²
Min. AWG conductor cross section, flexible
24
Max. AWG conductor cross section, flexible
10
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.25 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com