Electronic Components Datasheet Search
  English  ▼

X  

3232011 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3232011
Description  Feed-through terminal block - UDK 4-DUR 249 P/P
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3232011 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3232011 Datasheet HTML 6Page - PHOENIX CONTACT 3232011 Datasheet HTML 7Page - PHOENIX CONTACT 3232011 Datasheet HTML 8Page - PHOENIX CONTACT 3232011 Datasheet HTML 9Page - PHOENIX CONTACT 3232011 Datasheet HTML 10Page - PHOENIX CONTACT 3232011 Datasheet HTML 11Page - PHOENIX CONTACT 3232011 Datasheet HTML 12Page - PHOENIX CONTACT 3232011 Datasheet HTML 13Page - PHOENIX CONTACT 3232011 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
https://www.phoenixcontact.com/us/products/3232011
09/01/2016   Page 13 / 14
Feed-through terminal block - UDK 4-DUR 249 P/P - 3232011
Accessories
Fixed bridge - FBI 100- 6 - 0201650
Fixed bridge, Pitch: 6 mm, Number of positions: 100, Color: silver
 
 
Fixed bridge - FBI 10- 6 - 0203250
Fixed bridge, Pitch: 6 mm, Number of positions: 10, Color: silver
 
 
Fixed bridge - FBI 20- 6 - 0201867
Fixed bridge, Pitch: 6 mm, Number of positions: 20, Color: silver
 
 
Screwdriver tools
Screwdriver - SZS 0,6X3,5 - 1205053
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm,
2-component grip, with non-slip grip
 
 
Terminal marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com