Electronic Components Datasheet Search
  English  ▼

X  

EM6124 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6124
Description  Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6124 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM6124 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
R
EM6124
Copyright
© 2004, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
Typical VLCD Programming
Fig. 8
Temperature Control
Due to the temperature dependency of liquid cristals
viscosity the LCD controlling voltage VLCD must be
increased for lower temperatures to maintain optimal
contrast. The EM6124 is available with 4 different
temperature coefficients (see Fig. 9). The coefficient is
selected by 2 bits in the initialization code TC bits 10 and
11. Table 11 shows the typical values of the different
temperature coefficients. They are proportional to the
programmed VLCD.
Typical Values of the Temperature Coefficients
Bit 10, Bit 11
Value
Unit
0 0
0 1
1 0
1 1
-0.2 x VLCD
-0.52 x VLCD
-1.16 x VLCD
-1.82 x VLCD
mV/°C
mV/°C
mV/°C
mV/°C
Table 11
Temperature Coefficients
Fig. 9
Checker and Checker Inverse
A fast check display can be easily created setting
initialization bits 12 and 13 (called “Checker” and “Inv.
Checker”). The display is completely checked with only 2
initialization sequences, one “Checker” and one “Inv.
Checker”. For Checker, the pattern fills the display with
alternately ON and OFF pixels as shown in Fig. 10. For
Inv. Checker, everything is inverted (see Fig.18.14 and
18.15).
Pattern of Checker Mode
Fig. 10
Internally Generated VLCD versus Temperature
Fig. 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com