Electronic Components Datasheet Search
  English  ▼

X  

EM6124 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6124
Description  Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6124 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6124 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
R
EM6124
Copyright
© 2004, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
Row and Column Multiplexing Waveform EM6124 (20)
VCP = VLCD - VSS, VSTATE = VCOL - VROW
1
2
3
4
...
17
19 20 12
3
4
Frame n
Frame n+1
5
18
...
17
19 20
5
18
State 1
(OFF)
State 2 (ON)
V
LCD
V1
V2
V3
V
SS
V
OP
0.635 V
OP
State 1
0
-0.183 V
OP
-V
OP
V4
Row 1
V
LCD
V1
V2
V3
V
SS
V4
Row 2
V
LCD
V1
V2
V3
V
SS
V4
Col 1
V
LCD
V1
V2
V3
V
SS
V4
Col 2
0.183 V
OP
-0.635 V
OP
V
OP
0.635 V
OP
State 2
0
-0.183 V
OP
-V
OP
0.183 V
OP
-0.635 V
OP
Fig. 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com