Electronic Components Datasheet Search
  English  ▼

X  

NJM2640 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2640
Description  Two-phase Unipolar DC Brushless Motor Pre-Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2640 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2640 Datasheet HTML 1Page - New Japan Radio NJM2640 Datasheet HTML 2Page - New Japan Radio NJM2640 Datasheet HTML 3Page - New Japan Radio NJM2640 Datasheet HTML 4Page - New Japan Radio NJM2640 Datasheet HTML 5Page - New Japan Radio NJM2640 Datasheet HTML 6Page - New Japan Radio NJM2640 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJM2640
- 3 -
♦ TYPICAL CHARACTERISTICS
ICC VS. VCC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1020
30405060
VCC[V]
Lock Alarm Output Voltage
VS. Lock Alarm Output Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
16
18
ILA[mA]
VCC=48V
VCC=24V
Output Voltage
VS. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
Output Current[mA]
VCC=48V
VCC=24V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com