Electronic Components Datasheet Search
  English  ▼

X  

NJM2640 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2640
Description  Two-phase Unipolar DC Brushless Motor Pre-Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2640 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2640 Datasheet HTML 1Page - New Japan Radio NJM2640 Datasheet HTML 2Page - New Japan Radio NJM2640 Datasheet HTML 3Page - New Japan Radio NJM2640 Datasheet HTML 4Page - New Japan Radio NJM2640 Datasheet HTML 5Page - New Japan Radio NJM2640 Datasheet HTML 6Page - New Japan Radio NJM2640 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJM2640
- 6 -
3. Design of hall element bias resistance (R1 and R2)
Hall amplifier is a differential amplifier with hysteresis characteristics (24mV typical).
The common-mode input voltage is between 1.5V and Vcc-2V and the input signal must be within the
range.
Non-excitation hall bias voltage is to be set at a half of VCC for effective use of common-mode input
voltage range. Therefore the same value of hall bias resistors is selected for R1 and R2.
Given that the bias current is set to be 5mA by HW101A datasheet, R1 and R2 can be determined as
follows:
The output voltage of hall elements is influenced by the bias current and magnetic flux density of hall
elements.
The optimum input voltage of NJM2640 is 100mVp-p and higher. With such input voltage, the highest
efficiency can be obtained.
4.
Design of Power Transistor base resistance (R4 and R5)
HFE of 2SD0968A (NEC) is 50 from its datasheet. Given that Io is 300mA, the base current of TR1 is
6mA.
R4 is given by:
Where; VCC is 48V, VCE of NJM2640 is 1.5V, VBE of TR1 is 0.7V
The pull down resistance R5 (connected to TR1) influences turn-off time of TR1.
Faster Turn-off time of TR1 reduces peak current of motor wining current resulting in lower echo fan
noise (often called as Echo noise) during operation.
A typical R5 value is ranging from 1k
Ω to 10kΩ. As explained the above, it is highly recommended to
determine the value with actual application for better noise performance.
5. Design of spike killer for power transistor (ZD1 and ZD2)
Zenner diodes (often referred as spike killer ) are used for limiting kick back voltage of motor winding
generated when power transistors is (TR1 and TR2) turned off from on.
Ω
=
=
Ω
=
×
=
=
+
−
k
R
R
k
Ihbias
Vcc
R
R
8
.
4
2
1
6
.
9
10
5
48
2
1
3
Ω
=
×
=
×
−
−
=
−
−
=
−
k
R
IB
VCE
VBE
VCC
R
6
.
7
10
63
.
7
10
6
5
.
1
7
.
0
48
4
4
3
3
Peak current becomes small early the turnoff the TR1
Motor Winding Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com