Electronic Components Datasheet Search
  English  ▼

X  

NJM2640 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2640
Description  Two-phase Unipolar DC Brushless Motor Pre-Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2640 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2640 Datasheet HTML 1Page - New Japan Radio NJM2640 Datasheet HTML 2Page - New Japan Radio NJM2640 Datasheet HTML 3Page - New Japan Radio NJM2640 Datasheet HTML 4Page - New Japan Radio NJM2640 Datasheet HTML 5Page - New Japan Radio NJM2640 Datasheet HTML 6Page - New Japan Radio NJM2640 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJM2640
- 5 -
Lock detection time (Ton) is given by:
Where C2 is 0.47uF:
Auto Resume Time (Toff) is given by:
Where C2 is 0.47uF:
In actual application, Lock detection time (Ton) is affected by the mechanical time constant of a motor.
Therefore, constant start up must be confirmed in actual evaluation taking operating variations
(i.e.Temperature, Voltage change and so on) in consideration.
A typical value of C2 is either 0.47uF or 1uF depending on a motor.
Lock Protection
Lock Alert Out (LA: Pin 3) is a open collector output and R3 is a pull up resister. A typical value of R3 is
10k
Ω.
It must be noted that Lock Alert Out stays a H state during few hundred milliseconds from power up as
shown in the picture below.
[]
sec
2
Ic
Vcl
Vch
C
T
ON
−
=
[]
sec
22
.
0
10
8
.
3
7
.
0
5
.
2
10
47
.
0
6
6
=
×
−
×
×
=
−
−
ON
T
[]
sec
13
.
1
10
75
.
0
7
.
0
5
.
2
10
47
.
0
6
6
=
×
−
×
×
=
−
−
OFF
T
[]
sec
2
Idc
Vcl
Vch
C
T
OFF
−
=
ton
tOFF
High
Hall input
Motor output
Ct Teminal voltage
LATeminal voltage
Returns to normal operation
Motor Lock protection period
Motor Locked
Power supply
LA terminal output
Hundreds of millimeter second



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com