Electronic Components Datasheet Search
  English  ▼

X  

WM8771 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8771
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8771 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Product Preview
WM8771
w
PP Rev 2.0 December 2001
17
DIGITAL AUDIO INTERFACE
MASTER AND SLAVE MODES
The audio interface operates in either Slave or Master mode, selectable using the MS control bit. In
both Master and Slave modes DACDAT is always an input to the WM8771 and ADCDAT is always
an output. The default is Slave mode.
In Slave mode (MS=0) ADCLRC, DACLRC and BCLK are inputs to the WM8771 (Figure 9).
DIN1/2/3/4, ADCLRC and DACLRC are sampled by the WM8771 on the rising edge of BCLK. ADC
data is output on DOUT and changes on the falling edge of BCLK. By setting control bit BCLKINV the
polarity of BCLK may be reversed so that DIN1/2/3/4, ADCLRC and DACLRC are sampled on the
falling edge of BCLK and DOUT changes on the rising edge of BCLK.
Figure 9 Slave Mode
In Master mode (MS=1) ADCLRC, DACLRC and BCLK are outputs from the WM8771 (Figure 10).
ADCLRC, DACLRC and BITCLK are generated by the WM8771. DIN1/2/3/4 are sampled by the
WM8771 on the rising edge of BCLK so the controller must output DAC data that changes on the
falling edge of BCLK. ADCDAT is output on DOUT and changes on the falling edge of BCLK. By
setting control bit BCLKINV the polarity of BCLK may be reversed so that DIN1/2/3/4 are sampled on
the falling edge of BCLK and DOUT changes on the rising edge of BCLK.
Figure 10 Master Mode
BCLK
DOUT
ADCLRC
DIN1/2/3/4
DACLRC
WM8771
CODEC
DSP
ENCODER/
DECODER
4
BCLK
DOUT
ADCLRC
DIN1/2/3/4
DACLRC
WM8771
CODEC
DSP/
ENCODER/
DECODER
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com