Electronic Components Datasheet Search
  English  ▼

X  

B9948 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # B9948
Description  3.3V, 160-MHz, 1:12 Clock Distribution Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

B9948 Datasheet(HTML) 6 Page - Cypress Semiconductor

  B9948 Datasheet HTML 1Page - Cypress Semiconductor B9948 Datasheet HTML 2Page - Cypress Semiconductor B9948 Datasheet HTML 3Page - Cypress Semiconductor B9948 Datasheet HTML 4Page - Cypress Semiconductor B9948 Datasheet HTML 5Page - Cypress Semiconductor B9948 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
B9948
Document #: 38-07079 Rev. *D
Page 6 of 6
Document History Page
Document Title: B9948 3.3V, 160 MHz, 1:12 Clock Distribution Buffer
Document Number: 38-07079
Rev.
ECN No.
Issue
Date
Orig. of
Change
Description of Change
**
107115
06/06/01
IKA
Convert from IMI to Cypress
*A
108060
07/03/01
NDP
Changed Commercial to Industrial (See page 6)
*B
109805
01/31/02
DSG
Convert from Word to Frame (Cypress format)
*C
118058
09/16/02
RGL
Add a tape and reel option in the ordering information table.
Change the package drawing and dimension to Cypress standard.
*D
122764
12/14/02
RBI
Add power up requirements to maximum ratings information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com