Electronic Components Datasheet Search
  English  ▼

X  

B9948 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # B9948
Description  3.3V, 160-MHz, 1:12 Clock Distribution Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

B9948 Datasheet(HTML) 2 Page - Cypress Semiconductor

  B9948 Datasheet HTML 1Page - Cypress Semiconductor B9948 Datasheet HTML 2Page - Cypress Semiconductor B9948 Datasheet HTML 3Page - Cypress Semiconductor B9948 Datasheet HTML 4Page - Cypress Semiconductor B9948 Datasheet HTML 5Page - Cypress Semiconductor B9948 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B9948
Document #: 38-07079 Rev. *D
Page 2 of 6
Note:
1.
PD = internal pull-down, PU = internal pull-up.
Output Enable/ Disable
The B9948 features a control input to enable or disable the
outputs. This data is latched on the falling edge of the input
clock. When SYNC_OE is asserted LOW, the outputs are dis-
abled in a LOW state. When SYNC_OE is set HIGH, the out-
puts are enabled as shown in Figure 1.
Pin Description[[1]]
Pin
Name
PWR
I/O
Description
3
PECL_CLK
I, PU
PECL Input Clock
4
PECL_CLK#
I, PD
PECL Input Clock
2
TCLK
I, PU
External Reference/Test Clock Input
9, 11, 13, 15, 17, 19,
21, 23, 25, 27, 29,
31
Q(11:0)
VDDC
O
Clock Outputs
1
TCLK_SEL
I, PU
Clock Select Input. When LOW, PECL clock is selected and
when HIGH TCLK is selected.
5
SYNC_OE
I, PU
Output Enable Input. When asserted HIGH, the outputs are
enabled and when set LOW the outputs are disabled in a LOW
state.
6
TS#
I, PU
Three-state Control Input. When asserted LOW, the output
buffers are three-stated. When set HIGH, the output buffers
are enabled.
10, 14, 18, 22, 26,
30
VDDC
3.3V Power Supply for Output Clock Buffers
7
VDD
3.3V Power Supply
8, 12, 16, 20, 24,
28, 32
VSS
Common Ground
TCLK
SYNC_OE
Q
Figure 1. SYNC_OE Timing Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com