Electronic Components Datasheet Search
  English  ▼

X  

B9948 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # B9948
Description  3.3V, 160-MHz, 1:12 Clock Distribution Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

B9948 Datasheet(HTML) 3 Page - Cypress Semiconductor

  B9948 Datasheet HTML 1Page - Cypress Semiconductor B9948 Datasheet HTML 2Page - Cypress Semiconductor B9948 Datasheet HTML 3Page - Cypress Semiconductor B9948 Datasheet HTML 4Page - Cypress Semiconductor B9948 Datasheet HTML 5Page - Cypress Semiconductor B9948 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
B9948
Document #: 38-07079 Rev. *D
Page 3 of 6
Maximum Ratings[2]
Maximum Input Voltage Relative to VSS: ............ VSS – 0.3V
Maximum Input Voltage Relative to VDD:............. VDD + 0.3V
Storage Temperature: ................................–65
°C to + 150°C
Operating Temperature: .................................-40°C to +85°C
Maximum ESD Protection.............................................. 2 KV
Maximum Power Supply: ................................................5.5V
Maximum Input Current:
..................................................±20 mA
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any volt-
age higher than the maximum rated voltages to this circuit. For
proper operation, Vin and Vout should be constrained to the
range:
VSS < (Vin or Vout) < VDD
Unused inputs must always be tied to an appropriate logic volt-
age level (either VSS or VDD).
Notes:
2.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required
3.
Inputs have pull-up resistors that effect input current, PECL_CLK# has a pull-down resistor.
4.
The VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when the “High” input is within the VCMR
range and the input lies within the VPP specification.
5.
Driving series or parallel terminated 50
Ω (or 50Ω to V
DD/2) transmission lines.
DC Parameters: VDDC = 3.3V ±10%, VDD = 3.3V ±10%, TA = –40°C to +85°C
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
PECL_CLK, Single Ended
1.49
1.825
V
All other inputs
VSS
0.8
VIH
Input High Voltage
PECL_CLK, Single Ended
2.135
2.42
V
All other inputs
2.0
VDD
IIL
Input Low Current (@VIL = VSS)
Note [3]
–100
µA
IIH
Input High Current (@VIL =VDD)100
µA
VPP
Peak-to-Peak Input Voltage
PECL_CLK
Note [4]
300
1000
mV
VCMR
Common Mode Range PECL_CLK
VDD – 2.0
VDD – 0.6
V
VOL
Output Low Voltage
IOL = 20 mA, Note [5]
0.4
V
VOH
Output High Voltage
IOH = –20 mA, VDDC = 3.3V, Note [5]
2.5
V
IDD
Quiescent Supply Current
All VDDC and VDD
12
mA
Cin
Input Capacitance
4pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com