Electronic Components Datasheet Search
  English  ▼

X  

L5970AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5970AD
Description  1.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970AD Datasheet(HTML) 1 Page - STMicroelectronics

  L5970AD Datasheet HTML 1Page - STMicroelectronics L5970AD Datasheet HTML 2Page - STMicroelectronics L5970AD Datasheet HTML 3Page - STMicroelectronics L5970AD Datasheet HTML 4Page - STMicroelectronics L5970AD Datasheet HTML 5Page - STMicroelectronics L5970AD Datasheet HTML 6Page - STMicroelectronics L5970AD Datasheet HTML 7Page - STMicroelectronics L5970AD Datasheet HTML 8Page - STMicroelectronics L5970AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
L5970AD
March 2005
1
General Features
1.5A INTERNAL SWITCH
OPERATING INPUT VOLTAGE FROM 4.4V TO 36V
3.3V / (
±2%) REFERENCE VOLTAGE
OUTPUT VOLTAGE ADJUSTABLE FROM
1.235V TO 35V
LOW DROPOUT OPERATION: 100% DUTY
CYCLE
500KHz INTERNALLY FIXED FREQUENCY
VOLTAGE FEEDFORWARD
ZERO LOAD CURRENT OPERATION
INTERNAL CURRENT LIMITING
INHIBIT FOR ZERO CURRENT
CONSUMPTION
SYNCHRONIZATION
PROTECTION AGAINST FEEDBACK
DISCONNECTION
THERMAL SHUTDOWN
1.1 APPLICATIONS:
CONSUMER: STB, DVD, TV, VCR,CAR
RADIO, LCD MONITORS
NETWORKING: XDSL, MODEMS,DC-DC
MODULES
COMPUTER: PRINTERS, AUDIO/GRAPHIC
CARDS, OPTICAL STORAGE, HARD DISK
DRIVE
INDUSTRIAL: CHARGERS, CAR BATTERY
DC-DC CONVERTERS
2
Description
The L5970AD is a step down monolithic power
switching regulator with a switch current limit of 1.5A
so it is able to deliver more than 1A DC current to the
load depending on the application conditions.
The output voltage can be set from 1.235V to 35V.
The device uses an internal P-Channel D-MOS tran-
sistor (with a typical RDSON of 200m
Ω) as switching
element to avoid the use of bootstrap capacitor and
guarantee high efficiency.
An internal oscillator fixes the switching frequency at
500KHz to minimize the size of external components.
Having a minimum input voltage of 4.4V only, it is
particularly suitable for 5V bus, available in all com-
puter related applications.
Pulse by pulse current limit with the internal frequen-
cy modulation offers an effective constant current
short circuit protection.
1.5A SWITCH STEP DOWN SWITCHING REGULATOR
Figure 2. Test and Application Circuit
D05IN1530
8
4
5
1
7
L5970AD
C1
10
µF
35V
CERAMIC
C2
330
µF
10V
VOUT=3.3V
VIN = 4.4V to 35V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS2L25U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L5970AD
SO-8
L5970ADTR
SO-8 in Tape & Reel
SO-8
Rev. 1


Similar Part No. - L5970AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970 STMICROELECTRONICS-L5970 Datasheet
138Kb / 10P
UP TO 1A STEP DOWN SWITCHING REGULATOR
May-2003
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
UP TO 1A STEP DOWN SWITCHING REGULATOR
May-2003
L5970D STMICROELECTRONICS-L5970D Datasheet
260Kb / 16P
Up to 1A step down switching regulator
26-Jan-2007
L5970D STMICROELECTRONICS-L5970D Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5970D STMICROELECTRONICS-L5970D Datasheet
270Kb / 16P
Up to 1A step down switching regulator
16-Oct-2007
More results

Similar Description - L5970AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Linear Technology
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Linear Technology
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com