Electronic Components Datasheet Search
  English  ▼

X  

SG5701DP Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # SG5701DP
Description  Low Cost Green-Mode PWM Controller for Flyback Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SG5701DP Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  SG5701DP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 8Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product Specification
Low Cost Green-Mode PWM Controller for Flyback Converters
SG5701
© System General Corp.
- 4 -
www.sg.com.tw
Version 1.0(IAO33.0025.B1)
Mar. 28, 2006
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage *
30
V
VFB
Input Voltage to FB Pin
-0.3 to 6 V
V
VSENCE
Input Voltage to Sense Pin
-0.3 to 6V
V
TJ
Operating Junction Temperature
150
℃
SOT-26
247
PD
Power Dissipation at TA=85℃
DIP-8
478
mW
SOT-26
263
RθJA
Thermal Resistance (Junction to Air)**
DIP-8
136
°C/W
TSTG
Storage Temperature Range
-55 to +150
℃
Pb free
260(+5/-0)
TR
Peak Reflow Temperature
Pb
230(+5/-0)
°C
ESD Capability, HBM Model
3.0
kV
* All voltage values, except differential voltages, are given with respect to the network ground terminal.
**Thermal JA test board size: SOT 18×12×1.6mm/FR4; DIP 40×35×1.6mm/FR4
Stress beyond those listed under “ absolute maximum ratings” may cause permanent damage to the device.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
≦
24
V
TA
Operating Ambient Temperature
-30 to +105
℃
ELECTRICAL CHARACTERISTICS (TA = 25°C, VDD=15V)
VDD Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOP
Continuously Operation Voltage
24
V
VTH(ON)
Start Threshold Voltage
TA=25°C
15.3
16.3
17.3
V
VDD(MIN)
Min. Operating Voltage
TA=25°C
10.9
11.7
12.5
V
IDD-ST
Startup Current
VDD = VDD-ON – 0.10V
10
30
uA
IDD-OP
Operating Supply Current
VDD = 15V
2
5
mA
VDD-CLAMP
VDD Clamp Voltage
24.5
25
26.5
V
Feedback Input Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IOZ
Zero Duty Cycle Input Current
1.3
2.0
mA
VOP
Open Loop Voltage
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com