Electronic Components Datasheet Search
  English  ▼

X  

SG5701DP Datasheet(PDF) 10 Page - Tiger Electronic Co.,Ltd

Part # SG5701DP
Description  Low Cost Green-Mode PWM Controller for Flyback Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SG5701DP Datasheet(HTML) 10 Page - Tiger Electronic Co.,Ltd

Back Button SG5701DP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 8Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 9Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 10Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 11Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 12Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 13Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product Specification
Low Cost Green-Mode PWM Controller for Flyback Converters
SG5701
© System General Corp.
- 10 -
www.sg.com.tw
Version 1.0(IAO33.0025.B1)
Mar. 28, 2006
REFERENCE CIRCUIT
Circuit
VO
GND
R13
C10
R12
+
C9
U3
1
R1
D5
D1
R8
Q1
1
C3
U1
1
2
3
4
5
6
GND
FB
RI
SENSE
VDD
GATE
+
C2
F1
L1
1
2
D4
2
1
R11
C1
R4
U2
1
2
4
3
CX1
R7
-+
BD1
4
2
R5
T1
8
5
7
3,4
1,2
10
9
L2
1
2
C6
R9
+
C4
R10
R6
R3
D2
2
1
+
C8
CY1
C7
R14
R2
L
N
BOM
Reference
Component
Reference
Component
BD1
BD 1A/500V
L2
10uH 6mm
CX1
(Optional) XC 0.1uF
Q1
MOSFET 1A/600V
CY1
(Optional) YC 102P/400V (Y1)
R1,R2
R 750KΩ 1206
C2
EC 10uF/400V 105℃
R4,R3
R 47KΩ 1206
C1
CC 103P/500V
R5
R 47Ω 1206
C3
CC 102P/500V
R6
R 4.7Ω 1206
C4
EC 10u/50V
R7
R 100Ω 0805
C6
CC 472P 0805
R8
R 10Ω 1206
C7
(Optional) CC 102P/100V 1206
R10
(Optional) R 10Ω 1206
C8
EC 470u/10V 105℃
R9
R 100KΩ 0805
C9
EC 220u/10V 105℃
R11
R 100Ω 1/8W
C10
CC 222P 0805
R12
R 33KΩ 0805
D1
Diode FRI07
R13
R 33KΩ 1/8W
D2
Diode FR102
R14
R 4.7KΩ 0805
D4
Diode SB360
T1
EE-16
D5
(Optional) ZD 6.8V 0.5W
U1
IC SG5848J (Green PWM IC)
F1
R 1Ω/0.5W
U2
PC817
L1
20mH 6*8mm
U3
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com