Electronic Components Datasheet Search
  English  ▼

X  

SG5701DP Datasheet(PDF) 9 Page - Tiger Electronic Co.,Ltd

Part # SG5701DP
Description  Low Cost Green-Mode PWM Controller for Flyback Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SG5701DP Datasheet(HTML) 9 Page - Tiger Electronic Co.,Ltd

Back Button SG5701DP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 8Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 9Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 10Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 11Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 12Page - Tiger Electronic Co.,Ltd SG5701DP Datasheet HTML 13Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product Specification
Low Cost Green-Mode PWM Controller for Flyback Converters
SG5701
© System General Corp.
- 9 -
www.sg.com.tw
Version 1.0(IAO33.0025.B1)
Mar. 28, 2006
Under Voltage Lockout (UVLO)
The turn-on and turn-off thresholds of the SG5701
are fixed internally at 16.3V/11.7V. During start-up, the
hold-up capacitor must be charged to 16.3V through the
start-up resistor, so that the SG5701 will be enabled. The
hold-up capacitor will continue to supply VDD until power
can be delivered from the auxiliary winding of the main
transformer. VDD must not drop below 11.7V during this
start-up process. This UVLO hysteresis window ensures
that hold-up capacitor will be adequate to supply VDD
during start-up.
Gate Output
The SG5701 BiCMOS output stage is a fast totem
pole gate driver. Cross conduction has been avoided to
minimize heat dissipation, increase efficiency, and
enhance reliability. The output driver is clamped by an
internal 17V Zener diode in order to protect power
MOSFET transistors against undesired over-voltage gate
signals.
Built-in Slope Compensation
The sensed voltage across the current sense resistor
is used for current mode control and pulse-by-pulse
current limiting. Built-in slope compensation will
improve stability and prevent sub-harmonic oscillations
due to peak-current mode control. The SG5701 has a
synchronized, positively-sloped ramp built-in at each
switching cycle. The slope of the ramp is:
(max)
33
.
0
Duty
Duty
×
Noise Immunity
Noise from the current sense or the control signal can
cause significant pulse width jitter, particularly in
continuous-conduction mode. While slope compensation
helps alleviate these problems, further precautions should
still be taken. Good placement and layout practices should
be followed. Avoiding long PCB traces and component
leads, locating compensation and filter components near
the SG5701, and increasing the power MOS gate
resistance is advised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com