Electronic Components Datasheet Search
  English  ▼

X  

UPD4701AC Datasheet(PDF) 8 Page - NEC

Part # UPD4701AC
Description  MOS INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4701AC Datasheet(HTML) 8 Page - NEC

Back Button UPD4701AC Datasheet HTML 4Page - NEC UPD4701AC Datasheet HTML 5Page - NEC UPD4701AC Datasheet HTML 6Page - NEC UPD4701AC Datasheet HTML 7Page - NEC UPD4701AC Datasheet HTML 8Page - NEC UPD4701AC Datasheet HTML 9Page - NEC UPD4701AC Datasheet HTML 10Page - NEC UPD4701AC Datasheet HTML 11Page - NEC UPD4701AC Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
µPD4701A
8
7. APPLICATION AREAS
Two-phase incremental signals are used for detection and measurement of a vector quantity (a quantity that has
direction and magnitude), and are widely employed in measuring instruments such as micrometers and linear scales,
control systems for digital servo motors, X-Y tables, etc., head position control for printers, magnetic disks, etc., robot
arm position control, and so on.
The
µPD4701A incorporates the direction judgment circuit and count pulse generator required for 2-phase
incremental signal processing, up/down counters for counting these pulses, and a data latch to hold the read data,
in IC form, enabling an X, Y 2-axis incremental signal processing system to be implemented easily.
In addition, a 3 switch-input buffer is incorporated, enabling this device to be widely used in man-machine interface
and centronics interface application areas.
8. OPERATING PRECAUTIONS
1)
As the
µPD4701A incorporates two sets of 12-bit counters, large transient currents flow during a count operation.
Adecoupling capacitor of around 0.1
µF should therefore be inserted between VDD and VSS of the µPD4701A.
+ 5 V
VDD
VSS
µPD4701A
Tantalum electrolytic, laminated ceramic, or similar capacitor
of around 0.1 F
(Should be mounted right next to the IC.)
µ
2)
If a pulse shorter than the signal phase difference time tSAB (350 ns) is input to the A/B phase inputs (XA, XB, YA,
YB) this will result in a miscount. Therefore, if pulses shorter than tSAB are to be input because of encoder bounds,
etc., a filter should be attached to the A/B phase inputs.
A or B Phase
B or A Phase
PW
If PW
≥ tSAB (350 ns), the count value remains the same before and after pulse input.
(UP count
→ DOWN count or DOWN count → UP count is implemented, and therefore
the result is equivalent to no change in the count value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com