Electronic Components Datasheet Search
  English  ▼

X  

UPD4701AC Datasheet(PDF) 14 Page - NEC

Part # UPD4701AC
Description  MOS INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4701AC Datasheet(HTML) 14 Page - NEC

Back Button UPD4701AC Datasheet HTML 8Page - NEC UPD4701AC Datasheet HTML 9Page - NEC UPD4701AC Datasheet HTML 10Page - NEC UPD4701AC Datasheet HTML 11Page - NEC UPD4701AC Datasheet HTML 12Page - NEC UPD4701AC Datasheet HTML 13Page - NEC UPD4701AC Datasheet HTML 14Page - NEC UPD4701AC Datasheet HTML 15Page - NEC UPD4701AC Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
µPD4701A
14
24PIN PLASTIC DIP (600 mil)
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
INCHES
A
33.02 MAX.
1.300 MAX.
B
2.54 MAX.
0.100 MAX.
C
2.54 (T.P.)
0.100 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
F
1.2 MIN.
0.047 MIN.
G
3.5±0.3
0.138±0.012
J
5.72 MAX.
0.226 MAX.
K
15.24 (T.P.)
0.600 (T.P.)
M
0.25
0.010+0.004
–0.003
N
0.25
0.01
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
13.2
0.520
+0.10
–0.05
2) Item "K" to center of leads when formed parallel.
P24C-100-600-1
R
0~15
°
0~15
°
24
13
112
N
B
I
M
R
M
C
D
F
H
G
A
J
K
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com