Electronic Components Datasheet Search
  English  ▼

X  

UPD4701AC Datasheet(PDF) 9 Page - NEC

Part # UPD4701AC
Description  MOS INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4701AC Datasheet(HTML) 9 Page - NEC

Back Button UPD4701AC Datasheet HTML 5Page - NEC UPD4701AC Datasheet HTML 6Page - NEC UPD4701AC Datasheet HTML 7Page - NEC UPD4701AC Datasheet HTML 8Page - NEC UPD4701AC Datasheet HTML 9Page - NEC UPD4701AC Datasheet HTML 10Page - NEC UPD4701AC Datasheet HTML 11Page - NEC UPD4701AC Datasheet HTML 12Page - NEC UPD4701AC Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
µPD4701A
9
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C, VSS = 0 V)
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VDD
–0.5 to +7.0
V
Input voltage
VI
–1.0 to VDD + 1.0
V
Output voltage
VO
–0.5 to VDD + 0.5
V
Operating temperature
Topt
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Permissible loss
PD
500
mW
DC CHARACTERISTICS (Ta = –40 to +85
°C, VDD = +5 V ±10 %)
PARAMETER
SYMBOL
RATING
UNIT
TEST CONDITIONS
MIN.
MAX.
Input voltage high
VIL
0.8
V
Input voltage low
VIH
2.6
V
XA, XB, YA, YB and
LEFT, RIGHT, MIDDLE
VIH
2.2
V
Other than the above
Output voltage low
VOL
0.45
V
IOL = 12 mA
Output voltage high
VOH
VDD – 0.8
V
IOH = –4 mA
Static consumption current
IDD
50
µAVI = VDD, VSS
Input current
II
–1.0
1.0
µAVI = VDD, VSS
3-state output leak current
IOFF
–10
10
µA
Dynamic consumption current
IDD dyn
2mA
fIN = 500 kHz
Hysteresis voltage
VH
0.25
V
XA, XB, YA, YB and
LEFT, RIGHT, MIDDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com