Electronic Components Datasheet Search
  English  ▼

X  

DS3252 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS3252
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3252 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS3252 Datasheet HTML 12Page - Dallas Semiconductor DS3252 Datasheet HTML 13Page - Dallas Semiconductor DS3252 Datasheet HTML 14Page - Dallas Semiconductor DS3252 Datasheet HTML 15Page - Dallas Semiconductor DS3252 Datasheet HTML 16Page - Dallas Semiconductor DS3252 Datasheet HTML 17Page - Dallas Semiconductor DS3252 Datasheet HTML 18Page - Dallas Semiconductor DS3252 Datasheet HTML 19Page - Dallas Semiconductor DS3252 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
16 of 71
Status Register Description
The status registers have two types of status bits. Real-time status bits—located in the SR registers—indicate the
state of a signal at the time it was read. Latched status bits—located in the SRL registers—are set when a signal
changes state (low-to-high, high-to-low, or both, depending on the bit) and cleared when written with a logic 1
value. After clearing, latched status bits remain cleared until the signal changes state again. Interrupt-enable bits—
located in the SRIE registers—control whether or not the
INT pin is driven low when latched register bits are set.
Figure 7-1. Status Register Logic
Register Name:
GCRn
Register Description:
Global Configuration Register
Register Address:
00h, 10h, 20h, 30h
Bit
7
6
5
4
3
2
1
0
Name
E3M
STS
LLB
RLB
TDSA
TDSB
—
RST
Default
0
0
0
0
0
0
—
0
Bit 7: E3 Mode Enable (E3M)
0 = DS3 operation
1 = E3 or STS-1 operation
Bit 6: STS-1 Mode Enable (STS)
When E3M = 1,
0 = E3 operation
1 = STS-1 operation
When E3M = 0, STS selects the DS3 AIS pattern (Table 6-G).
Bits 5, 4: Local Loopback, Remote Loopback Select (LLB, RLB)
00 = no loopback
01 = remote loopback
10 = analog local loopback
11 = digital local loopback
Bits 3, 2: Transmitter Data Select (TDSA, TDSB). See Table 6-G for details.
Bit 0: Reset (RST). When this bit is high, the digital logic of the LIU is held in reset and all registers for that LIU
(except the RST bit) are forced to their default values. RST is cleared to 0 at power-up and when the
RST pin is
activated.
0 = normal operation
1 = reset LIU
WR
WR
EVENT
LATCHED STATUS REGISTER
SET ON EVENT DETECT
CLEAR ON WRITE LOGIC 1
INT ENABLE
REGISTER
SR
SRL
INT
OTHER INT
SOURCE
REAL-TIME STATUS
LATCHED STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com