Electronic Components Datasheet Search
  English  ▼

X  

HT6750A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6750A
Description  Date Printer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6750A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6750A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Description
1, 2
VSS
¾¾
Negative power supply, ground
3,
19, 20
COM1
COM3, COM2
O
CMOS
Output for LCD panel common
4~18
SEG1~SEG15
O
CMOS
LCD segment output driver
21
MODE
I
CMOS with
Pull-high
Mode select input pin (Internal pull-high 75K)
22
SEL
I
CMOS with
Pull-high
Correction digit shift switch (Internal pull-high 75K)
23
SET
I
CMOS with
Pull-high
Correction digit data (Internal pull-high 75K)
24
SEGON
I
CMOS with
Pull-high
Est pin, if pull-low will force all segment
²ON²
25
RESET
I
CMOS with
Pull-low
External Reset input (Internal pull-low, 50K)
26
TEST1
I
CMOS with
Pull-low
Test pin (not for customer)
27
OSCO
O
CMOS
Crystal oscillator output pin
28
OSCI
I
CMOS
Crystal oscillator input pin
29, 30
VDD
¾¾
Positive power supply
31
VF4
O
CMOS
Double reference voltage
32, 33
LC2, LC1
I
CMOS
Connected to 0.1
mF capacitor
34
VF2
O
CMOS
Reference voltage
35~40
RF1~RF6
I
¾
Adjust regulator output voltage, TRIM PIN
41~44
TR1~TR4
I
¾
Adjust constant voltage and drive lamp output pin (Open drain)
45
T
I
CMOS with
Pull-high
Imprint time select input (Internal pull-high 75K with
²Latch type²)
46
D
I
CMOS with
Pull-high
Imprint time external control input (Internal pull-high 75K with
²Latch type²)
47
X
I
CMOS with
Pull-high
Imprint trigger input pin (Internal pull-high 75K)*
48
TEST2
I
CMOS with
Pull-high
For coustomer test
²PRINTING LCD² use only, pull-low will force
Lamp
²ON² and other function is OK (Internal pull-high 75K)**
49
LAMP
O
CMOS
Drive lamp output pin (Open drain)
Note:
* The X input has no effect in OFF mode, selection and setting mode; the lamp will be turned off automatically.
** The TEST2 has no effect in selection and setting mode; the lamp will be turned off automatically.
Absolute Maximum Ratings
Supply Voltage .......................................................5.5V
Storage Temperature ............................
-20°Cto60°C
Input Voltage ......................................................... 5.5V
Operating Temperature...............................0
°Cto50°C
Static Electricity (OFF Power)...................................................................................200pF,
±200V, 10 times to each pin
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT6750A
Rev. 1.00
3
January 17, 2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com