Electronic Components Datasheet Search
  English  ▼

X  

HT6750A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6750A
Description  Date Printer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6750A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6750A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics
Ta=25
±3°C, RH£65%, VSS=0V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
2.4
3
5.5
V
Vstr
Oscillation Start Voltage
3V
Within 2 sec after power on
(Speed up oscillator when at
power on reset)
2.4
¾¾
V
Vstop
Oscillation Stop Voltage
3V
¾¾
1.8
V
Iopr1
Power Consumption (1)
3V
No load,
Non-printing Ta
£+20°C
¾
23
mA
VL
Lamp Drop Voltage
(Reference VDD)
3V
Constant voltage reference
VDD,atVDD=2.4V~5.5V
(Load is lamp 1.8V/40mA)
1.71
1.8
1.89
V
Iopr2
Power Consumption (2)
3V
No load, Non-printing
Ta
£+50°C, RH=80%
¾¾
9
mA
DT0/T
Time Accuracy
3V
Ta=+20
°C
-90
090
sec/
Month
DT1/T
Time Accuracy Deviation (1)
3V
Ta=
-10°C, Deviation against
Ta=+20
°C
-170
-112
-70
sec/
Month
DT2/T
Time Accuracy Deviation (2)
3V
Ta=+35
°C, Deviation against
Ta=+20
°C
-25
-8
0
sec/
Month
DT3/T
Time Accuracy Deviation (3)
3V
Ta=+50
°C, Deviation against
Ta=+20
°C
-95
-55
-10
sec/
Month
Thold
Data Hold Time
3V
At power interrupt
(0.1
mFat3V)
1
¾¾
s
I key-on
ON Recognition Current
3V
When VSS=0V,
X pin (VSS+0.5V), Other pins
30
10
¾
¾
¾
¾
mA
mA
R key-off
OFF Recognition Resistance
3V
X pin, Other pins
3
10
¾
¾
¾
¾
M
W
M
W
VIL
Threshold Voltage
3V
X Pin ON function With
MODE, SEL, SET ON
VSS
¾
VSS
+0.5V
V
VIH
Threshold Voltage
3V
With X pin OFF MODE, SEL,
SET OFF function
VDD
-0.5V
¾
VDD
V
HT6750A
Rev. 1.00
4
January 17, 2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com