Electronic Components Datasheet Search
  English  ▼

X  

SC91650 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC91650
Description  13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91650 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC91650 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Silan
Semiconductors
SC91650/1/2 A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2001.01.15
1
13 MEMORY TONE / PULSE DIALER
WITH REDIAL SAVE HANDFREE &
HOLD FUNCTION
DESCRIPTION
The SC91650A/B, SC91651A/B, SC91652A/B are 13-memory
Tone/Pulse switchable dialer with Last Number Redial(LNB) and
HOLD function, which are fabricated in COMS technology with wide
operating voltage for both tone and pulse mode, and consumes very
low memory retention current in ON-HOOK state.
FEATURES
*13-memory Tone/Puls e switchable dialer
*Three 16-digit one touch memory and ten 16-digit two touch
memory
One 32-digit last number redial memory
One 32-digit SAVE function for storing phone number in off hook
status
Note: only 15-digit/31-digit for Tone mode, 1-digit use to identify
tone mode
*Pulse-to-tone (P
→T) is provided for PBX operation
*Flash key is available
*Minimum tone duration is 100ms for SC91650, SC91651 or 91ms
for SC91652
*Minimum intertone pause is 106ms for SC91650, SC91651 or
91ms for SC91652
*Uses 3.579545MHz crystal or ceramic resonator
*Many options can be selected
Mode (10PPS; 20PPS; Tone)
M/B ratio (40:60;33:66)
Pause time (3.6s;2.0s)
Pulse number (n;n+1;10-n)
Flash function (RESET;digit)
(P
→T) pause time (3.6s;1.0s)
Flash time (80ms; 93ms; 100ms; 200ms; 300ms; 600ms)
Flash pause time (200ms; 1000ms)
* Redial pause time (1ms)
* Mixed dialing and cascade dialing is provided
* Handfree function is provided for speaker phone application
DIP-22
DIP-18
*Power on reset circuit is provided
*Hold function is provided
* Keytone is provided
*Packaged in 18-DIP or 22-DIP
ORDERING INFORMATION
SC91650A
DIP-18 Package
SC91650B
SC91651A
SC91651B
SC91652A
SC91652B
DIP-22 Package
DIP-18 Package
DIP-22 Package
DIP-18 Package
DIP-22 Package


Similar Part No. - SC91650

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC9167 FUMAN-SC9167 Datasheet
349Kb / 6P
300mA CMOS LDO
More results

Similar Description - SC91650

ManufacturerPart #DatasheetDescription
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
13 Memory Tone/Pulse Dialer with Handfree and Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com