Electronic Components Datasheet Search
  English  ▼

X  

SC91650 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC91650
Description  13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91650 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC91650 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Silan
Semiconductors
SC91650/1/2 A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2001.01.15
6
ELECTRICAL CHARACTERISTICS
(Tamb=25
°C, VDD=2.5V, fosc=3.579545MHz, All voltage referenced to VSS, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC Characteristics
Tone
2.0
--
5.5
Pulse
2.0
--
5.5
Operating Voltage
VDD
Memory retention
1.0
5.5
V
Tone
--
0.4
1
OFF-HOOK, Keypad
entry with pull down
resistance
--
0.2
0.5
mA
Operating Current
IOP
Pulse
OFF-HOOK,
No
Keypad entry
20
80
µA
Standby Current
IS
ON-HOO K
No keypad entry
--
0.1
1.0
µA
Memory Retention Current
Imr
ON-HOO K
VDD=1.0V
--
0.1
1.0
µA
Control Pin Input Low Voltage
Vil
--
VSS
0.3VDD
Control Pin Input High Voltage
Vih
--
0.7VDD
VDD
V
XMUTE Pin Leakage Current
Imth
V XMUTE =6.0V
--
--
1
µA
XMUTE Pin Sink Current
Imtl
V XMUTE =0.5V
0.2
--
--
mA
HKS Pin Input Current
Ihks
Vhks=2.5V
--
--
0.1
µA
Drive Current
Ikbd
Vn=0V
note1
,
No resistors connected t o VSS
210
50
Keyboard
Scanning Pin
Sink Current
Ikbs
Vn=2.5
note1
No resistors connected t o VSS
200
400
800
µA
Key-in Debounce Time
tDB
--
--
20
--
ms
HFI pin input resistor
Rhfi
VDD=2.5V
--
200
--
k
Ω
HFO pin drive current
Ihdoh
Vhfo=2.0V
0.2
--
--
mA
HFO pin sink current
Ihdol
Vhfo=0.5V
0.2
--
--
mA
HDI pin pull high resistor
Rhdi
VDD=2.5V
--
200
--
k
Ω
HDO pin drive current
Ihdoh
Vhdo=2.0V
0.2
--
--
mA
HDO pin sink current
Ihdol
Vhdo=0.5V
0.2
--
--
mA
Pulse Mode
Pulse Output Pin Leakage Current
Ipoh
Vpo=2.0V(SC91650 only)
0.2
--
--
mA
Pulse Output Pin Sink Current
Ipol
Vpo=0.5V
0.2
--
--
mA
--
10
--
Pulse Rate
fpr
--
20
--
pps
--
40:60
--
Make/Break Ratio
tM
tB
--
33:66
--
%
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com