Electronic Components Datasheet Search
  English  ▼

X  

SC91650 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC91650
Description  13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91650 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC91650 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Silan
Semiconductors
SC91650/1/2 A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2001.01.15
4
KEYBOARD ASSIGNMENT
C1
C2
C3
C4
C5
R1
12
3
SAVE
EM1
R2
45
6
F
EM2
R3
78
9
A
EM3
R4
*/T
0
#
RD/P
ST
1) */T: In pulse mode, execute P
→T function; In TONE mode, execute * key
2) SAVE: SAVE key.
3) F: Flash key
4) RD/P: Redial key/Pause key
5) ST: Store key
6) EMn: One touch memory key
7) A: Auto key for two touch memory
DIALING SIGNAL OPTION
The resistor connection between selected Row (or Column) and Vss may select most country telecom
specifications (refer to Row and Column pin description). Those options include M/B ratio, Flash time, pause time
…… , as follows.
a): Make/Break ratio:
d): Flash time:
Row1
M/B ratio (%)
Row3
Row4
Flashtime(ms)
NR
40:60
NR
NR
600
R
33:66
NR
R
300
R
NR
93
*100
b): Pause time & P
→T wait time:
R
R
200
*80
Row2
tp(sec)
tpT(sec)
*for SC91652 only
NR
3.6
3.6
R
2.0
1.0
e): Dialing out Pulse number:
Column3
Column4
Pulse number
c): Flash Key function:
NR
NR
n
Column1
Flash key
tFP(sec)
NR
R
n+1
NR
Reset
0.2/0*
R
NR
10-n
R
Digit
1.0
R
R
reserved
* for flash time = 80ms, 200ms only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com