Electronic Components Datasheet Search
  English  ▼

X  

PMWD30UN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMWD30UN
Description  Dual uTrenchMOS ultra low level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMWD30UN Datasheet(HTML) 1 Page - NXP Semiconductors

  PMWD30UN Datasheet HTML 1Page - NXP Semiconductors PMWD30UN Datasheet HTML 2Page - NXP Semiconductors PMWD30UN Datasheet HTML 3Page - NXP Semiconductors PMWD30UN Datasheet HTML 4Page - NXP Semiconductors PMWD30UN Datasheet HTML 5Page - NXP Semiconductors PMWD30UN Datasheet HTML 6Page - NXP Semiconductors PMWD30UN Datasheet HTML 7Page - NXP Semiconductors PMWD30UN Datasheet HTML 8Page - NXP Semiconductors PMWD30UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PMWD30UN
Dual
µTrenchMOS™ ultra low level FET
Rev. 01 — 22 January 2003
Product data
M3D647
1.
Product profile
1.1 Description
Dual N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™ technology.
Product availability:
PMWD30UN in SOT530-1 (TSSOP8).
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
s Surface mounting package
s Low profile
s Very low threshold
s Fast switching.
s Portable appliances
s PCMCIA cards
s Battery management
s Load switching.
s VDS ≤ 30 V
s ID ≤ 5A
s Ptot ≤ 2.3 W
s RDSon ≤ 33 mΩ
Table 1:
Pinning - SOT530-1, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
drain1 (d1)
SOT530-1
2,3
source1 (s1)
4
gate1 (g1)
5
gate2 (g2)
6,7
source2 (s2)
8
drain2 (d2)
MBK885
Top view
14
85
s1
d1
g1
s2
MSD901
d2
g2


Similar Part No. - PMWD30UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMWD15UN PHILIPS-PMWD15UN Datasheet
88Kb / 12P
Dual N-channel mTrenchMOS ultra low level FET
Rev. 04-5 April 2005
PMWD16UN PHILIPS-PMWD16UN Datasheet
94Kb / 12P
Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-24 March 2005
PMWD18UN PHILIPS-PMWD18UN Datasheet
92Kb / 12P
Dual N-channel mTrenchMOS ultra low level FET
Rev. 02-23 February 2004
PMWD19UN PHILIPS-PMWD19UN Datasheet
224Kb / 12P
DUAL uTRENCHMOS ULTRA LOW LEVEL FET
Rev. 01-20 December 2002
PMWD20XN PHILIPS-PMWD20XN Datasheet
93Kb / 12P
Dual N-channel UTrenchMOS extremely low level FET
Rev. 02-26 April 2005
More results

Similar Description - PMWD30UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN23UN PHILIPS-PMN23UN Datasheet
89Kb / 12P
UTrenchMOS ultra low level FET
Rev. 01-16 June 2004
PMV30UN PHILIPS-PMV30UN Datasheet
238Kb / 12P
UTrenchMOS ultra low level FET
Rev. 01-25 June 2003
PMV31XN PHILIPS-PMV31XN Datasheet
241Kb / 12P
UTrenchMOS extremely low level FET
Rev. 01-26 February 2003
PMF280UN PHILIPS-PMF280UN Datasheet
90Kb / 12P
N-channel UTrenchMOS ultra low level FET
Rev. 01-27 February 2004
PMGD8000LN PHILIPS-PMGD8000LN Datasheet
233Kb / 12P
Dual UTrenchMOS logic level FET
Rev. 01-27 February 2003
PMWD16UN PHILIPS-PMWD16UN Datasheet
94Kb / 12P
Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-24 March 2005
PMWD22XN PHILIPS-PMWD22XN Datasheet
84Kb / 12P
Dual N-channel uTrenchMOS extremely low level FET
Rev. 01-15 August 2005
PMWD19UN PHILIPS-PMWD19UN Datasheet
224Kb / 12P
DUAL uTRENCHMOS ULTRA LOW LEVEL FET
Rev. 01-20 December 2002
PMWD26UN PHILIPS-PMWD26UN Datasheet
87Kb / 12P
Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-19 May 2005
PMV56XN PHILIPS-PMV56XN Datasheet
95Kb / 12P
UTrenchMOS extremely low level FET
Rev. 02-24 June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com