Electronic Components Datasheet Search
  English  ▼

X  

CS44L11 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 8Page - Cirrus Logic CS44L11 Datasheet HTML 9Page - Cirrus Logic CS44L11 Datasheet HTML 10Page - Cirrus Logic CS44L11 Datasheet HTML 11Page - Cirrus Logic CS44L11 Datasheet HTML 12Page - Cirrus Logic CS44L11 Datasheet HTML 13Page - Cirrus Logic CS44L11 Datasheet HTML 14Page - Cirrus Logic CS44L11 Datasheet HTML 15Page - Cirrus Logic CS44L11 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
12
DS640PP4
CS44L11
3. REGISTER QUICK REFERENCE
Addr
Function
7
6
5
4
3
2
1
0
2h
Power and Muting
Control
SZC1
SZC0
PDN
FLT
RUPBYP RDNBYP Reserved Reserved
default
1
010
000
0
3h
Channel A
Volume Control
VOLA7
VOLA6
VOLA5
VOLA4
VOLA3
VOLA2
VOLA1
VOLA0
default
0
000
000
0
4h
Channel B
Volume Control
VOLB7
VOLB6
VOLB5
VOLB4
VOLB3
VOLB2
VOLB1
VOLB0
default
0
000
000
0
5h
Tone Control
BB3
BB2
BB1
BB0
TB3
TB2
TB1
TB0
default
0
000
000
0
6h
Mode Control 1
BBCF1
BBCF0
TBCF1
TBCF0
TC1
TC0
TC_EN
LIM_EN
default
0
000
000
0
7h
Limiter Attack Rate
ARATE7
ARATE6
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0
default
0
001
000
0
8h
Limiter Release Rate
RRATE7 RRATE6 RRATE5 RRATE4 RRATE3 RRATE2 RRATE1 RRATE0
default
0
010
000
0
9h
Volume and Mixing
Control
Reserved Reserved RMP_SP
1
RMP_SP
0
ATAPI3
ATAPI2
ATAPI1
ATAPI0
default
0
001
100
1
Ah
Mode Control2
mclkdiv
CLKDV1 CLKDV0
DBS
FRQSFT
1
FRQSFT
0
DEM1
DEM0
default
0
000
000
0
Bh
Mode Control 3
DIF1
DIF0
A=B
VCBYP
CP_EN
FREEZE Reserved Reserved
default
0
000
000
0
Ch
Revision Indicator
Reserved Reserved Reserved Reserved
REV3
REV2
REV1
REV0
default
0
000
Read
Only
Read
Only
Read
Only
Read
Only
Table 1. Register Quick Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com