Electronic Components Datasheet Search
  English  ▼

X  

CS44L11 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 11Page - Cirrus Logic CS44L11 Datasheet HTML 12Page - Cirrus Logic CS44L11 Datasheet HTML 13Page - Cirrus Logic CS44L11 Datasheet HTML 14Page - Cirrus Logic CS44L11 Datasheet HTML 15Page - Cirrus Logic CS44L11 Datasheet HTML 16Page - Cirrus Logic CS44L11 Datasheet HTML 17Page - Cirrus Logic CS44L11 Datasheet HTML 18Page - Cirrus Logic CS44L11 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
DS640PP4
15
CS44L11
4.4
Tone Control (address 05h)
4.4.1
Bass Boost Level (BB)
Default = 0 dB (No Bass Boost)
Function:
The level of the shelving Bass Boost filter is set by Bass Boost Level. The level can be adjusted in 1 dB
increments from 0 to +12 dB of boost. Boost levels are decoded as shown in Table 3. Levels above
+12 dB are interpreted as +12 dB.
4.4.2
Treble Boost Level (TB)
Default = 0 dB (No Treble Boost)
Function:
The level of the shelving Treble Boost filter is set by Treble Boost Level. The level can be adjusted in 1 dB
increments from 0 to +12 dB of boost. Boost levels are decoded as shown in Table 4. Levels above
+12 dB are interpreted as +12 dB.
Note:
Treble Boost is not available in Double-Speed Mode.
4.5
Mode Control 1 (address 06h)
7
6
5
432
10
BB3
BB2
BB1
BB0
TB3
TB2
TB1
TB0
0
0
0
000
00
Binary Code
Decimal Value
Boost Setting
0000 0000
0
0 dB
0000 0010
2
+2 dB
0000 0110
6
+6 dB
0000 1001
9
+9 dB
0000 1100
12
+12 dB
Table 3. Example Bass Boost Settings
Binary Code
Decimal Value
Boost Setting
0000 0000
0
0 dB
0000 0010
2
+2 dB
0000 0110
6
+6 dB
0000 1001
9
+9 dB
0000 1100
12
+12 dB
Table 4. Example Treble Boost Settings
7
6
5
432
10
BBCF1
BBCF0
TBCF1
TBCF0
TC1
TC0
TC_EN
LIM_EN
0
0
0
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com