Electronic Components Datasheet Search
  English  ▼

X  

CS4265 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4265
Description  105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4265 Datasheet HTML 7Page - Cirrus Logic CS4265 Datasheet HTML 8Page - Cirrus Logic CS4265 Datasheet HTML 9Page - Cirrus Logic CS4265 Datasheet HTML 10Page - Cirrus Logic CS4265 Datasheet HTML 11Page - Cirrus Logic CS4265 Datasheet HTML 12Page - Cirrus Logic CS4265 Datasheet HTML 13Page - Cirrus Logic CS4265 Datasheet HTML 14Page - Cirrus Logic CS4265 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
CS4265
DS657A2
11
ADC ANALOG CHARACTERISTICS Test conditions (unless otherwise specified): Input test sig-
nal is a 1 kHz sine wave; measurement bandwidth is 10 Hz to 20 kHz. Fs = 48/96/192 kHz.
Line Level Inputs
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Performance for VA = 5 V
Dynamic Range
PGA Setting: -12 dB to +6 dB
A-weighted
unweighted
(Note 12)
40 kHz bandwidth unweighted
PGA Setting: +12 dB Gain
A-weighted
unweighted
(Note 12)
40 kHz bandwidth unweighted
99
96
-
93
90
-
105
102
99
99
96
93
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 11)
PGA Setting: -12 dB to +6 dB
-1 dB
-20 dB
-60 dB
(Note 12)
40 kHz bandwidth
-1 dB
PGA Setting: +12 dB Gain
-1 dB
-20 dB
-60 dB
(Note 12)
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-
-
-
-
-95
-82
-42
-92
-92
-76
-36
-89
-89
-
-
-
-86
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Dynamic Performance for VA = 3.3 V
Dynamic Range
PGA Setting: -12 dB to +6 dB
A-weighted
unweighted
(Note 12)
40 kHz bandwidth unweighted
PGA Setting: +12 dB Gain
A-weighted
unweighted
(Note 12)
40 kHz bandwidth unweighted
94
91
-
90
87
-
102
99
96
96
93
90
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com