Electronic Components Datasheet Search
  English  ▼

X  

CS4265 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4265
Description  105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4265 Datasheet HTML 35Page - Cirrus Logic CS4265 Datasheet HTML 36Page - Cirrus Logic CS4265 Datasheet HTML 37Page - Cirrus Logic CS4265 Datasheet HTML 38Page - Cirrus Logic CS4265 Datasheet HTML 39Page - Cirrus Logic CS4265 Datasheet HTML 40Page - Cirrus Logic CS4265 Datasheet HTML 41Page - Cirrus Logic CS4265 Datasheet HTML 42Page - Cirrus Logic CS4265 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
CS4265
DS657A2
39
6.12.1 DAC Soft Ramp or Zero Cross Enable (Bits 7:6)
Function:
Soft Ramp Enable
Soft Ramp allows level changes, both muting and attenuation, to be implemented by incrementally
ramping, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock
periods. See Table 15 on page 39.
Zero Cross Enable
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will
occur on a signal zero crossing to minimize audible artifacts. The requested level change will occur
after a time-out period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample
rate) if the signal does not encounter a zero crossing. The zero cross function is independently mon-
itored and implemented for each channel. See Table 15 on page 39.
Soft Ramp and Zero Cross Enable
Soft Ramp and Zero Cross Enable dictate that signal level changes, either by attenuation changes or
muting, will occur in 1/8 dB steps and be implemented on a signal zero crossing. The 1/8 dB level
change will occur after a time-out period between 512 and 1024 sample periods (10.7 ms to 21.3 ms
at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero cross function is
independently monitored and implemented for each channel. See Table 15 on page 39.
6.12.2 Invert DAC Output (Bit 5)
Function:
When this bit is set, the output of the DAC will be inverted.
6.13 Status - Address 0Dh
For all bits in this register, a ‘1’ means the associated condition has occurred at least once since the
register was last read. A ‘0’ means the associated condition has NOT occurred since the last reading
of the register. Status bits that are masked off in the associated mask register will always be ‘0’ in this
register. This register defaults to 00h.
6.13.1 E to F C-buffer Transfer
Function:
Indicates the completion of an E to F C-buffer transfer. See “Channel Status Buffer Management” on
page 50 for more information.
Table 15. DAC Soft Cross or Zero Cross Mode Selection
DACSoft
DACZeroCross
Mode
0
0
Changes to affect immediately
0
1
Zero Cross enabled
1
0
Soft Ramp enabled
1
1
Soft Ramp and Zero Cross enabled (default)
7
654
32
10
Reserved
Reserved
Reserved
EFTC
ClkErr
Reserved
ADCOvfl
ADCUndrfl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com