Electronic Components Datasheet Search
  English  ▼

X  

CS4265 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4265
Description  105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4265 Datasheet HTML 17Page - Cirrus Logic CS4265 Datasheet HTML 18Page - Cirrus Logic CS4265 Datasheet HTML 19Page - Cirrus Logic CS4265 Datasheet HTML 20Page - Cirrus Logic CS4265 Datasheet HTML 21Page - Cirrus Logic CS4265 Datasheet HTML 22Page - Cirrus Logic CS4265 Datasheet HTML 23Page - Cirrus Logic CS4265 Datasheet HTML 24Page - Cirrus Logic CS4265 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
CS4265
DS657A2
21
3.
TYPICAL CONNECTION DIAGRAM
VLS
10 µF
+3.3V to +5V
47 µF
VQ
FILT+
0.1 µF
10 µF
0.1 µF
10 µF
0.1 µF
+1.8V
to +5V
DGND
VLC
0.1 µF
+1.8V
to +5V
SCL
SDA
RST
2 k
Ω
Note 1
LRCK
SDIN1
AGND
Digital Audio
Processor
Micro-
Controller
MCLK
SCLK
0.1 µF
VA
VD
* Capacitors must be C0G or equivalent
Digital Audio
Output
2.2nF
AFILTA
AFILTB
MICIN1
MICIN2
Microphone Input 1
Microphone Input 2
2.2nF
SDIN2
TXOUT
TXSDIN
SDOUT
CS4265
2 k
Ω
0.1 µF
10 µF
MICBIAS
**
+3.3V to +5V
SGND
Signal Ground
MUTEC
Mute
Drive
AOUTA
AOUTB
470
Ω
470
Ω
3.3 µF
C
Optional
Analog
Muting
3.3 µF
10 k
Ω
10 k
Ω
C
R
ext
R
ext
See Note 2
*
*
AIN1A
Left Analog Input 1
10 µF
10 µF
1800 pF
1800 pF
100 k
Ω
100 k
Ω
100
Ω
100
Ω
AIN1B
Right Analog Input 1
*
*
10 µF
10 µF
10 µF
Note 1: Resistors are required for I²C control
port operation
For best response to Fs/2 :
()
470
4
470
×
+
=
ext
ext
R
Fs
R
C
π
This circuitry is intended for applications where the CS4265
connects directly to an unbalanced output of the design. For
internal routing applications please see the DAC Analog Output
Characteristics section for loading limitations.
Note 2 :
R
L
R
L
Note 3
Note 3: The value of R
L is dictated by the
microphone carteridge.
VA
0.1 µF
AGND
47 k
Ω
Note 4: Sets the LSB of the 7-bit chip address.
See the I²C Control Port Description and
Timing section.
Note 4
Figure 9. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com